Electronic Components Datasheet Search
  English  ▼

X  

LS027B4DH01 Datasheet(PDF) 28 Page - Sharp Corporation

Part # LS027B4DH01
Description  Technical Literature For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B4DH01 Datasheet(HTML) 28 Page - Sharp Corporation

Back Button LS027B4DH01 Datasheet HTML 21Page - Sharp Corporation LS027B4DH01 Datasheet HTML 22Page - Sharp Corporation LS027B4DH01 Datasheet HTML 23Page - Sharp Corporation LS027B4DH01 Datasheet HTML 24Page - Sharp Corporation LS027B4DH01 Datasheet HTML 25Page - Sharp Corporation LS027B4DH01 Datasheet HTML 26Page - Sharp Corporation LS027B4DH01 Datasheet HTML 27Page - Sharp Corporation LS027B4DH01 Datasheet HTML 28Page - Sharp Corporation LS027B4DH01 Datasheet HTML 29Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
SPEC
No.
LCY-12T09602C
MODEL
No.
LS027B4DH01
PAGE
26
11-2) Package Storing
(1)Maximum number of carton in a stack:
12 cartons
Maximum quantity of units in carton:
400 units per carton
(2)Storage condition
・Temperature: 0 ~ 40℃
・Humidity: 60%RH or lower (at 40℃)
There should be no condensation at low temperature and high humidity.
・Atmosphere: No harmful gas, such as acid or alkali, which causes severe corrosion on electronic parts and wiring,
are to be detected.
・Period: About 3 months
・Opening the package: in order to prevent electrostatic damage to TFT modules, room humidity should be made
over 50%RH and take effective measure such as use of earth when opening the package.
11-3) Packaging
Packaging condition is shown in Figure 11-2.
Packageing size :578mmx382mmx153mm
Figure 11-2 Packaging Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com