Electronic Components Datasheet Search
  English  ▼

X  

IRMCF143TY Datasheet(PDF) 32 Page - International Rectifier

Part # IRMCF143TY
Description  High Performance Position Servo Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF143TY Datasheet(HTML) 32 Page - International Rectifier

Back Button IRMCF143TY Datasheet HTML 27Page - International Rectifier IRMCF143TY Datasheet HTML 28Page - International Rectifier IRMCF143TY Datasheet HTML 29Page - International Rectifier IRMCF143TY Datasheet HTML 30Page - International Rectifier IRMCF143TY Datasheet HTML 31Page - International Rectifier IRMCF143TY Datasheet HTML 32Page - International Rectifier IRMCF143TY Datasheet HTML 33Page - International Rectifier IRMCF143TY Datasheet HTML 34Page - International Rectifier IRMCF143TY Datasheet HTML 35Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
IRMCF143S
32
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
Month xx, year
Pin
Number
Pin Name
Internal Pull-
up / down
Pin
Type
Description
31
CMEXT
--
O
Unbuffered 0.6V output. Capacitor needs to be
connected.
32
AREF
--
O
Analog reference voltage output (0.6V)
33
IFBV-
--
I
Op amp negative input for V phase current sensing, 0-
1.2V range
34
IFBV+
--
I
Op amp positive input for V phase current sensing, 0-
1.2V range
35
IFBVO
--
O
Op amp output for V phase current sensing, 0-1.2V
range
36
AVSS
--
P
Analog common
37
VDDCAP
--
P
Internal 1.8V output, Capacitor(s) to be connected
38
VDD1
--
P
3.3V digital power
39
VSS
--
P
Digital common
40
P3.1/AO2/MT3
--
I/O
Discrete programmable I/O or PWM 2 digital output or
MCE pin timer 3 output
41
PWMWL
58 kΩ Pull
down
O
PWM gate drive for phase W low side, configurable
either high or low true.
42
PWMVL
58 kΩ Pull
down
O
PWM gate drive for phase V low side, configurable
either high or low true
43
PWMUL
58 kΩ Pull
down
O
PWM gate drive for phase U low side, configurable
either high or low true
44
PWMWH
58 kΩ Pull
down
O
PWM gate drive for phase W high side, configurable
either high or low true
45
P3.7
--
I/O
Discrete programmable I/O
46
P2.1
--
I/O
Discrete programmable I/O
47
P3.6
--
I/O
Discrete programmable I/O
48
PWMVH
58 kΩ Pull
down
O
PWM gate drive for phase V high side, configurable
either high or low true
49
PWMUH
58 kΩ Pull
down
O
PWM gate drive for phase U high side, configurable
either high or low true
50
P1.5
I/O
Discrete programmable I/O.
51
BRAKE
70
kΩ Pull up
O
Brake output, configured low true at a power up
52
BRAKEGK
70 kΩ Pull up
I
Brake shutdown input, active low input.
53
GATEKILL
70 kΩ Pull up
I
PWM shutdown input, configurable digital filter, active
low input.
54
P3.0/CS1
70 kΩ Pull up
I/O
Discrete programmable I/O or SPI Chip Select 1
55
TMS /P5.2
--
I
JTAG test mode select or digital input port
56
TDO
--
O
JTAG test data output
57
TDI /P5.1
--
I
JTAG test data input or digital input port
58
TCK
--
I
JTAG test clock
59
RESET
--
I
Reset, low true, Schmitt trigger input
60
P1.1/RXD
--
I/O
UART receiver input or Discrete programmable I/O
61
P1.2/TXD
--
I/O
UART transmitter output or Discrete programmable I/O
62
HALL-1/P3.4/T0
--
I/O
Hall-1 input or discrete programmable I/O or
Timer/Counter 0 input
63
HALL-2/P3.5/T1
--
I/O
Hall-2 input or discrete programmable I/O or
Timer/Counter 1 input
64
HALL-3/P3.3/INT1
--
I/O
Hall-3 input or discrete programmable I/O or Interrupt
1 input
Table 22. Pin List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com