Electronic Components Datasheet Search
  English  ▼

X  

IRMCF143TY Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCF143TY
Description  High Performance Position Servo Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF143TY Datasheet(HTML) 1 Page - International Rectifier

  IRMCF143TY Datasheet HTML 1Page - International Rectifier IRMCF143TY Datasheet HTML 2Page - International Rectifier IRMCF143TY Datasheet HTML 3Page - International Rectifier IRMCF143TY Datasheet HTML 4Page - International Rectifier IRMCF143TY Datasheet HTML 5Page - International Rectifier IRMCF143TY Datasheet HTML 6Page - International Rectifier IRMCF143TY Datasheet HTML 7Page - International Rectifier IRMCF143TY Datasheet HTML 8Page - International Rectifier IRMCF143TY Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
IRMCF143S
1
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
November 22, 2013
High Performance Position Servo
Control IC
Description
IRMCF143S is a high performance Flash based motion control IC designed primarily for position servo
applications based on an incremental encoder. IRMCF143S is designed to achieve low cost yet high performance
control solutions for advanced inverterized servo motor control. IRMCF143S contains two computation engines.
One is the Flexible Motion Control Engine (MCE
TM) for sinusoidal Field Oriented Control (FOC) of servo motors;
the other is an 8-bit high-speed microcontroller (8051). Both computation engines are integrated into one
monolithic chip. The MCE
TM contains a collection of control elements implemented in a dedicated computation
engine such as Proportional plus Integral, Vector rotator, Angle estimator, Multiply/Divide, and Low loss SVPWM.
The user can program a motion control algorithm by connecting these control elements using a graphic compiler.
A unique analog/digital circuit and algorithm to fully support two leg shunt current sensing is also provided. The
8051 microcontroller performs 2-cycle instruction execution (15MIPS at 30MHz 8051CLK). The MCE and 8051
microcontroller are connected via dual port RAM for signal monitoring and command input. An advanced graphic
compiler for the MCE
TM is seamlessly integrated into the MATLAB/Simulink environment, while third party JTAG-
based emulator tools are supported for 8051 software development. IRMCF143S comes in a 64 pin QFP package.
Features
•
MCE
TM
(Flexible
Motion
Control
Engine)
-
Dedicated computation engine for high efficiency
sinusoidal FOC control
•
Built-in hardware peripheral for two shunt current
feedback reconstruction and analog circuits
•
Supports incremental encoder with Hall effect
position sensor initialization
•
24bit position counter
•
Position capture and compare
•
Pulse + Direction input
•
Brake control with gatekill input
•
Loss minimization Space Vector PWM
•
Three-channel analog outputs (PWM)
•
Embedded 8-bit high speed microcontroller (8051)
for flexible I/O and man-machine control
•
JTAG programming port for emulation/debugger
•
Serial communication interface (UART)
•
I2C/SPI serial interface
•
Three general purpose timers, one capture timer
•
Watchdog timer with independent internal clock
•
Internal 64 Kbyte flash memory
•
5V tolerant I/O
•
3.3V single supply
Product Summary
Maximum clock input (fcrystal)
60MHz
Maximum Internal clock (SYSCLK)
120MHz
Maximum 8051 clock (8051CLK)
30MHz
FOC computation time
35 μsec@100MHz
MCE
TM computation data range
16 bit signed
8051 Program Flash
52KB
8051/MCE Data RAM
4KB
MCE Program RAM
12KB
GateKill latency (digital filtered)
2 μsec
PWM carrier frequency
20 bits/ SYSCLK
A/D input channels
8
A/D converter resolution
12 bits
A/D converter conversion speed
2 μsec
Analog output (PWM) resolution
8 bits
UART baud rate (typ)
57.6K bps
Encoder interface
6
Number of digital I/O (max)
22
Package (lead free)
QFP64
Ordering Information
Orderable Part Number
Package Type
Standard Pack
Form
Quantity
IRMCF143TR
LQFP64
Tape and Reel
2000
IRMCF143TY
LQFP64
Tray
2000


Similar Part No. - IRMCF143TY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF143 IRF-IRMCF143 Datasheet
776Kb / 35P
High Performance Position Servo Control IC
IRMCF143 IRF-IRMCF143_15 Datasheet
776Kb / 35P
High Performance Position Servo Control IC
More results

Similar Description - IRMCF143TY

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK203 IRF-IRMCK203 Datasheet
400Kb / 57P
High Performance Sensorless Motion Control IC
IRMCK201 IRF-IRMCK201 Datasheet
1Mb / 62P
High Performance Configurable Digital AC Servo Control IC
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171 Datasheet
447Kb / 36P
High Performance Sensorless Motor Control IC
IRMCF143 IRF-IRMCF143_15 Datasheet
776Kb / 35P
High Performance Position Servo Control IC
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
High Performance Sensorless Motor Control IC
IRMCF183 IRF-IRMCF183_15 Datasheet
812Kb / 31P
High Performance Sensorless Motor Control IC
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
High Performance Sensorless Motor Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com