Electronic Components Datasheet Search
  English  ▼

X  

IRMCF143TY Datasheet(PDF) 5 Page - International Rectifier

Part # IRMCF143TY
Description  High Performance Position Servo Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF143TY Datasheet(HTML) 5 Page - International Rectifier

  IRMCF143TY Datasheet HTML 1Page - International Rectifier IRMCF143TY Datasheet HTML 2Page - International Rectifier IRMCF143TY Datasheet HTML 3Page - International Rectifier IRMCF143TY Datasheet HTML 4Page - International Rectifier IRMCF143TY Datasheet HTML 5Page - International Rectifier IRMCF143TY Datasheet HTML 6Page - International Rectifier IRMCF143TY Datasheet HTML 7Page - International Rectifier IRMCF143TY Datasheet HTML 8Page - International Rectifier IRMCF143TY Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
IRMCF143S
5
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
Month xx, year
1
Overview
IRMCF143S is a new generation International Rectifier integrated circuit device primarily designed as a one-chip
solution for complete inverter controlled position servo motor control applications. Unlike a traditional
microcontroller or DSP, the IRMCK401 provides a built-in encoder interface and associated Field Oriented
Control algorithm using the unique Flexible Motion Control Engine (MCETM) for a permanent magnet motor. It
contains a flexible 24bit position counter, and separate position capture/compare unit to facilitate indexing
function. The MCETM consists of a collection of control elements, motion peripherals, a dedicated motion control
sequencer and dual port RAM to map internal signal nodes. IRMCK401 also employs additional PWM unit to
control a brake IGBT. Motion control programming is achieved using a dedicated graphical compiler integrated
into the MATLAB/SimulinkTM development environment. Sequencing, user interface, host communication, and
upper layer control tasks can be implemented in the 8051 high-speed 8-bit microcontroller. The 8051
microcontroller is equipped with a JTAG port to facilitate emulation and debugging tools. Figure 1 shows a typical
application schematic using the IRMCF143S.
IRMCF143S contains 64K bytes of Flash program memory and comes in a 64-pin QFP package.
IRMCF143S
Power
Supply
IRS2630D
Digial I/O
3.3V
Passive
EMI
Filter
Host
communication
Motor
(PMSM)
Galvanic
isolation
EEPROM
Analog Input
17
6
2
Optional
Encoder
opto isolation
opto isolation
7
6
Figure 1. Typical Application Block Diagram Using IRMCF143S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com