Electronic Components Datasheet Search
  English  ▼

X  

IRMCF143TY Datasheet(PDF) 7 Page - International Rectifier

Part # IRMCF143TY
Description  High Performance Position Servo Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF143TY Datasheet(HTML) 7 Page - International Rectifier

Back Button IRMCF143TY Datasheet HTML 3Page - International Rectifier IRMCF143TY Datasheet HTML 4Page - International Rectifier IRMCF143TY Datasheet HTML 5Page - International Rectifier IRMCF143TY Datasheet HTML 6Page - International Rectifier IRMCF143TY Datasheet HTML 7Page - International Rectifier IRMCF143TY Datasheet HTML 8Page - International Rectifier IRMCF143TY Datasheet HTML 9Page - International Rectifier IRMCF143TY Datasheet HTML 10Page - International Rectifier IRMCF143TY Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
IRMCF143S
7
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
Month xx, year
3
IRMCF143S Block Diagram and Main Functions
Motion Control
Sequencer
Dual Port
RAM
2kbyte
MCE
Program
RAM
12kbyte
Program
Flash
64kB
A/D
MUX
S/H
D/A
(PWM)
Timer
Counnter0,1,2
Watchdog
Timer
Motion
Control
Modules
UART
I2C
TXD
RXD
6
Low Loss
SVPWM
VBUS
GATEKILL
To IGBT
gate drive
Mini-Motion
Control
Engine
(MiniMCE)
Monitoring
Host
Interface
Digital
I/Os
8bit (8051)
microcontroller
AIN1
AIN2
JTAG
Emulator
Debugger
4
Freq
Synthesizer
2
Resonator
(4MHz)
30MHz
AIN3
Analog
Input
2
Capture
Interrupt
Control
Encoder
Interface
From Encoder
Speed
command
PORT 1
SCL
SDA
PORT 2
PORT 3
AIN4
Break
Leg current
sensing
Brake IGBT
U Phase
8bit
CPU
Core
Local
RAM
2kbyte
120MHz
3
From Hall
3
OP1
IFBU
IFBV
V Phase
Brake GK
Figure 3. IRMCF143S Block Diagram
IRMCF143S contains the following functions for AC motor control applications:
Motion Control Engine (MCE
TM)
•
FOC (complete Field Oriented Control)
•
Proportional plus Integral block
•
Low pass filter
•
Differentiator and lag (high pass filter)
•
Ramp
•
Limit
•
Angle estimate (sensorless control)
•
Inverse Clark transformation
•
Vector rotator
•
Bit latch
•
Peak detect
•
Transition
•
Multiply-divide (signed and unsigned)
•
Adder
•
Divide (signed and unsigned)
•
Subtractor
•
Comparator
•
Counter
•
Accumulator
•
Switch
•
Shift
•
ATAN (arc tangent)
•
Function block (any curve fitting, nonlinear
function)
•
16 bit wide Logic operations (AND, OR,
XOR, NOT, NEGATE)
•
MCE
TM program memory and dual port RAM
(6K byte)
•
MCE
TM control sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com