Electronic Components Datasheet Search
  English  ▼

X  

322366 Datasheet(PDF) 21 Page - Analog Intergrations Corporation

Part # 322366
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

322366 Datasheet(HTML) 21 Page - Analog Intergrations Corporation

Back Button 322366 Datasheet HTML 16Page - Analog Intergrations Corporation 322366 Datasheet HTML 17Page - Analog Intergrations Corporation 322366 Datasheet HTML 18Page - Analog Intergrations Corporation 322366 Datasheet HTML 19Page - Analog Intergrations Corporation 322366 Datasheet HTML 20Page - Analog Intergrations Corporation 322366 Datasheet HTML 21Page - Analog Intergrations Corporation 322366 Datasheet HTML 22Page - Analog Intergrations Corporation 322366 Datasheet HTML 23Page - Analog Intergrations Corporation 322366 Datasheet HTML 24Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
21
AMP application tools are designed to
produce a carefully controlled uniform
pressure crimp, regardless of how they
are powered. All tools shown are
specially designed for AMP products
and are precision machined from hard
tool steel.
Hand Operated Power Unit
314979-12 (Hose, head and dies not included)
Refer to the table below for accessories.
Part No. 122271-14
Power Unit Only
(Includes Pressure Release)
115 Volts (60 Hz) — 69120-13
230 Volts (60 Hz) — 69120-23
DYNA-CRIMP Electric
Hydraulic Power Unit
DYNA-CRIMP II
Battery Operated
Hydraulic Power Unit
Power Units Accessories
For Use With
Accessory Description
Accessory
Remarks
Power Unit No.
Part No.
7' Handle Control Assembly—Hose & Cord
59907-7
15' Handle Control Assembly—Hose & Cord
1-59907-5
21' Handle Control Assembly—Hose & Cord
2-59907-1
28' Handle Control Assembly—Hose & Cord
2-59907-8
369120-13
15' Foot Switch Assembly
68284-1
Need Hose Assembly
369120-23
3' Hose Assembly
59909-3
68284-1 Foot Switch
314979-12
7' Hose Assembly
59909-7
Assembly needed with
122271-14
15' Hose Assembly
1-59909-5
these Hose Assemblies
21' Hose Assembly
2-59909-1
and 69120
2' Hose Assembly (1/4" I.D.)
314990-1
More Flexible, Lighter Weight.
3' Hose Assembly (1/4" I.D.)
314990-2
Recommended for use with
7' Hose Assembly (1/4" I.D.)
314990-3
DYNA-CRIMP II Battery
15' Hose Assembly (1/4" I.D.)
314990-4
Operated Hydraulic Power Unit
69120-13
3-Way Multi-Directional Valve
592201
For use with
69120-23
3-Way Multi-Directional Valve (Elec.Ctl.)
59220-21
Foot Switch only
1
Contact AMP Incorporated for usage recommendations.
2
Also see AMP Customer Manual 409-5860.
3
Also see AMP Customer Manual 409-1950.
4
Also see AMP Customer Manual 409-5869.
Note: All Hoses and Handle Control Assemblies have a 3/8" high flow male coupler (311470-1) on each end.
All Power Units and Heads have a 3/8" high flow female coupler (311471-1).
Typical interchangable hose,
head and dies not included
Handle
Control
Hose
Assembly
Foot
Control
Multidirectional
Valve
Application Tooling Information for STRATO-THERM Heat Resistant and
High Temperature Terminals and Splices
For additional tooling information, call 1-800-722-1111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com