Electronic Components Datasheet Search
  English  ▼

X  

322366 Datasheet(PDF) 14 Page - Analog Intergrations Corporation

Part # 322366
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

322366 Datasheet(HTML) 14 Page - Analog Intergrations Corporation

Back Button 322366 Datasheet HTML 10Page - Analog Intergrations Corporation 322366 Datasheet HTML 11Page - Analog Intergrations Corporation 322366 Datasheet HTML 12Page - Analog Intergrations Corporation 322366 Datasheet HTML 13Page - Analog Intergrations Corporation 322366 Datasheet HTML 14Page - Analog Intergrations Corporation 322366 Datasheet HTML 15Page - Analog Intergrations Corporation 322366 Datasheet HTML 16Page - Analog Intergrations Corporation 322366 Datasheet HTML 17Page - Analog Intergrations Corporation 322366 Datasheet HTML 18Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
Uninsulated Terminals and Splices (Continued)
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
14
Temperature Rating,
Material and Finish
Splice Body — Copper per
ASTM B152
Plating — Nickel per QQ-N-290,
650°F [343°C]
Metallic Sleeve — Nickel Silver per
ASTM B122
Related Product Data
Application Tooling — pages 17-21
Insulation
Support
Butt Splice
Dimension
Wire
Part Numbers
Wire Size
Material
Insulation
Circular Mils
Thickness
L
Diameter
Loose
[mm2]
Max.
Max.
Max.
Piece
22-16
.033
.889
.140
509-3,260
0.84
22.58
3.56
322823
[0.26-1.65]
16-14
.033
.889
.170
2,050-5,180
0.84
22.58
4.32
322825
[1.04-2.62]
12-10
.042
1.261
.230
5,180-13,100
1.07
32.03
5.84
323757
[2.62-6.64]
Tongue
Dimensions
Wire
Part Numbers
Wire Size
Material
Stud
Body
Sleeve
Insulation
Circular Mils
Thickness
Size
W
C
E
L
Material
Color
Diameter
Loose
Tape
[mm2]
Max.
Min.
Max.
Max.
Code
Max.
Piece
Mounted
.218
.156
.512
.624
.140
4
5.54
3.96
13.00
15.85
Nickel
Orange
3.56
321887
—
.281
.250
.611
.749
.140
7.14
6.35
15.52
19.02
Nickel
Orange
3.56
321892
—
6
.312
.281
.637
.796
.140
M3.5
7.92
7.14
16.18
20.22
Nickel
Orange
3.56
322873
—
.312
.281
.637
.796
.140
7.92
7.14
16.18
20.22
Chromel
Gray
3.56
2-322873-1
—
.281
.250
.611
.749
.140
7.14
6.35
15.52
19.02
Nickel
Orange
3.56
321893
—
.312
.281
.637
.796
.140
8
7.92
7.14
16.18
20.22
Nickel
Orange
3.56
321897
—
22-16
M4
.312
.281
.637
.796
.140
509-3,260
.033
7.92
7.14
16.18
20.22
Chromel
Gray
3.56
1-321897-0
—
[0.26-1.65]
0.84
.312
.281
.637
.796
.140
7.92
7.14
16.18
20.22
Alumel
Green
3.56
1-321897-3
—
.468
.437
.793
1.031
.140
11.89
11.10
20.14
26.19
Nickel
Orange
3.56
184204-1
—
.281
.250
.611
.749
.140
7.14
6.35
15.52
19.02
Nickel
Orange
3.56
321894
—
.312
.281
.637
.796
.140
10
7.92
7.14
16.18
20.22
Nickel
Orange
3.56
321898
—
.312
.281
.637
.796
.140
7.92
7.14
16.18
20.22
Chromel
Gray
3.56
1-321897-4
—
.312
.281
.637
.796
.140
7.92
7.14
16.18
20.22
Alumel
Green
3.56
1-321898-0
—
1/4
.468
.437
.793
1.031
.140
M6
11.89
11.10
20.14
26.19
Nickel
Orange
3.56
322320
—
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Temperature Rating and
Material
Terminal Body — See table, 1200°F
[649°C], Nickel per ASTM B162,
Alumel —, Chromel —
Metallic Sleeve — Nickel Silver per
ASTM B122
Insulation Support
Diamond Grip
High Temperature
Ring Tongue Terminals
Related Product Data
Application Tooling — pages 17-21
Diamond Grip
Heat Resistant
Splices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com