Electronic Components Datasheet Search
  English  ▼

X  

322366 Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # 322366
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

322366 Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button 322366 Datasheet HTML 4Page - Analog Intergrations Corporation 322366 Datasheet HTML 5Page - Analog Intergrations Corporation 322366 Datasheet HTML 6Page - Analog Intergrations Corporation 322366 Datasheet HTML 7Page - Analog Intergrations Corporation 322366 Datasheet HTML 8Page - Analog Intergrations Corporation 322366 Datasheet HTML 9Page - Analog Intergrations Corporation 322366 Datasheet HTML 10Page - Analog Intergrations Corporation 322366 Datasheet HTML 11Page - Analog Intergrations Corporation 322366 Datasheet HTML 12Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Wire Size
Dimension
Ring
Part No.
Circular Mils
L Dim. Approx.
Splice
Ring
Ring
Color
Wire Insulation
Loose
[mm2]
(After Crimping)
Plating
Material
Plating
Code
Diameter Range
Piece
26-24
.937
.040-.050
238-475
23.80
Gold
Aluminum
—
Yellow
1.02-1.27
324370
[0.12-0.24]
1.062
.080-.100
22-20
26.97
Silver
Copper
Nickel
Natural
2.03-2.54
3268351
509-1,290
1.650
.050-.068
[0.26-0.65]
41.91
Nickel
Aluminum
—
Red
1.27-1.73
55235-1
18-16
1.312
.064-.088
1,600-2,800
33.32
Gold
Aluminum
—
Red
1.63-2.24
329647
[0.81-1.42]
8
1.921
.215-.255
13,100-20,800
48.79
Gold
Aluminum
—
Red
5.46-6.48
329716
[6.64-10.5]
1No bushing
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
Insulated Terminals and Splices (Continued)
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
8
Post-Insulated
Splices
Plating — Silver per QQ-S-365,
500°F [260°C], Gold per MIL-G-
45204 over Nickel per QQ-N-290,
500°F [260°C]
Ring — Copper per ASTM B152,
Aluminum per QQ-A-250/1
Temperature Rating,
Material and Finish
Insulation — TEFLON
Terminal Body — Copper per
ASTM B152
Wire Size
Tongue
Dimensions
Wire
Part No.
Material
Stud
W
L Dim.
Body
Ring
Ring
Ring
Insulation
Circular Mils
Thickness
Size
Approx.
Plating
Material
Plating
Color
Diameter
Loose
[mm2]
Max.
(After Crimping)
Code
Range
Piece
22-20
.025
8
.312
.906
.046-.063
509-1,290
0.64
M4
7.92
23.01
Silver
Copper
Nickel
Natural
1.17-1.60
326760
[0.26-0.65]
8
.051
.469
1.560
.215-.255
13,100-20,800
1.30
10
11.91
39.62
Gold
Aluminum
—
Red
5.46-6.48
329580
[6.64-10.5]
6
.060
.468
1.870
.270-.310
20,800-33,100
1.52
10
11.89
47.50
Gold
Aluminum
—
Blue
6.86-7.87
329583
[10.5-16.8]
Post-Insulated
Ring Tongue Terminals
Plating — Nickel per QQ-N-290,
550°F [288°C]
Related Product Data
Application Tooling — pages 17-21
Plating — Gold per MIL-G-45204
over Nickel per QQ-N-290, 500°F
[260°C], Nickel per QQ-N-290,
550°F [288°C], Silver per QQ-S-
365, 500°F [260°C]
Ring — Aluminum per QQ-A-250/1,
Copper per ASTM B152
Temperature Rating,
Material and Finish
Insulation — TEFLON
Bushing — TEFLON
Splice Body — Copper per
ASTM B152
Plating — Nickel per QQ-N-290,
550°F [288°C]
Related Product Data
Application Tooling — pages 17-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com