Electronic Components Datasheet Search
  English  ▼

X  

322366 Datasheet(PDF) 12 Page - Analog Intergrations Corporation

Part # 322366
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

322366 Datasheet(HTML) 12 Page - Analog Intergrations Corporation

Back Button 322366 Datasheet HTML 8Page - Analog Intergrations Corporation 322366 Datasheet HTML 9Page - Analog Intergrations Corporation 322366 Datasheet HTML 10Page - Analog Intergrations Corporation 322366 Datasheet HTML 11Page - Analog Intergrations Corporation 322366 Datasheet HTML 12Page - Analog Intergrations Corporation 322366 Datasheet HTML 13Page - Analog Intergrations Corporation 322366 Datasheet HTML 14Page - Analog Intergrations Corporation 322366 Datasheet HTML 15Page - Analog Intergrations Corporation 322366 Datasheet HTML 16Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
Uninsulated Terminals and Splices (Continued)
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
12
Tongue
Dimensions
Wire Size
Material
Color
Stud
Part Number
Circular Mils
Thickness
Code
Size
W
C
E
L
X
[mm2]
Max.
Min.
Max.
Max.
Loose Piece
16-14
.033
8
.385
.312
.493
.685
.187
2,050-5,180
0.84
Orange
M4
9.78
7.92
12.52
17.40
4.75
323905
[1.04-2.62]
Solistrand
High Temperature
Spade Tongue Terminals
Temperature Rating
and Material
Terminal Body — Nickel per
ASTM B162, 1200°F [649°C]
Related Product Data
Application Tooling — pages 17-21
Solistrand
High Temperature
Splices
Temperature Rating
and Material
Splice Body — Nickel per
ASTM B162, 1200°F [649°C]
Related Product Data
Application Tooling — pages 17-21
Style-A
Non-Insulation
Support
Butt Splice
Style-B
Non-Insulation
Support
Parallel Splice
Style-C
Non-Insulation
Support
Butt Splice
Dimensions
Part Numbers
Wire Size
Material
Color
Style
Circular Mils
Thickness
Code
L
ID
OD
Loose
[mm2]
Max.
Max.
Min.
Max.
Piece
.578
.061
.141
A
14.68
1.55
3.58
322324*
22-16
.033
.301
.061
.141
509-3,260
0.84
Orange
B
7.65
1.55
3.58
322326
[0.26-1.65]
.529
.061
.141
C
13.44
1.55
3.58
323876
.567
.085
.165
A
14.40
2.16
4.19
322345
16-14
.033
.301
.085
.165
2,050-5,180
0.84
Orange
B
7.65
2.16
4.19
322347
[1.04-2.62]
.529
.085
.165
C
13.44
2.16
4.19
323878
.567
.129
.226
A
14.40
3.28
5.74
323696*
12-10
.042
.333
.129
.226
5,180-13,100
1.07
Orange
B
8.46
3.28
5.74
323672
[2.62-6.64]
.703
.129
.226
C
17.86
3.28
5.74
323698
*Available in small packaging quantities.
Non-Insulation Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com