Electronic Components Datasheet Search
  English  ▼

X  

PS8741 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS8741
Description  FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8741 Datasheet(HTML) 2 Page - California Eastern Labs

  PS8741 Datasheet HTML 1Page - California Eastern Labs PS8741 Datasheet HTML 2Page - California Eastern Labs PS8741 Datasheet HTML 3Page - California Eastern Labs PS8741 Datasheet HTML 4Page - California Eastern Labs PS8741 Datasheet HTML 5Page - California Eastern Labs PS8741 Datasheet HTML 6Page - California Eastern Labs PS8741 Datasheet HTML 7Page - California Eastern Labs PS8741 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PS8741
PACKAGE DIMENSIONS (UNIT: mm)
10.3±0.3
0.40
+0.10
–0.05
0.12 M
1.27
0.5±0.3
4.4
1.3
7.0±0.3
PIN CONNECTIONS (TOP VIEW)
16
14
15
12
13
10
11
9
13
25
47
8
6
1. LED1 Cathode (CH1)
9. PD1 Anode (CH2)
2. LED1 Anode (CH1)
10. PD1 Cathode (CH2)
3. PD1 Cathode (CH1)
11. LED2 Anode (CH2)
4. PD1 Anode (CH1)
12. LED2 Cathode (CH2)
5. NC
13. PD2 Anode (CH1)
6. NC
14. PD2 Cathode (CH1)
7. PD2 Cathode (CH2)
15. NC
8. PD2 Anode (CH2)
16. NC
K1
K2
LED1
LED2
K2
K1
PD1
PD2
PD2
PD1
MARKING
PS8741
N003
N
0
03
No. 1 pin
Mark
Week Assembled
Year Assembled
(Last 1 Digit)
Rank Code
Country Assembled
Type Number
Assembly Lot
Data Sheet PN10134EJ03V0DS
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com