Electronic Components Datasheet Search
  English  ▼

X  

PS8741 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS8741
Description  FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8741 Datasheet(HTML) 5 Page - California Eastern Labs

  PS8741 Datasheet HTML 1Page - California Eastern Labs PS8741 Datasheet HTML 2Page - California Eastern Labs PS8741 Datasheet HTML 3Page - California Eastern Labs PS8741 Datasheet HTML 4Page - California Eastern Labs PS8741 Datasheet HTML 5Page - California Eastern Labs PS8741 Datasheet HTML 6Page - California Eastern Labs PS8741 Datasheet HTML 7Page - California Eastern Labs PS8741 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PS8741
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
SERVO CURRENT vs. FORWARD CURRENT
Forward Current IF (mA)
250
200
150
100
50
02
6
4
8
10
12
PHOTO CURRENT vs. FORWARD CURRENT
Forward Current IF (mA)
250
200
150
100
50
02
4
6
8
10
12
0
2
4
6
8
10
12
–60 –40 –20
0
20
40
60
80
100 120
TRANSFER GAIN vs. FORWARD CURRENT
Forward Current IF (mA)
1.10
1.05
1.00
0.95
0.90
0.85
0.80
SERVO GAIN vs. FORWARD CURRENT
Forward Current IF (mA)
2.5
2.0
1.5
1.0
0.5
02
4
6
8
10
12
02
4
6
8
10
12
FORWARD GAIN vs. FORWARD CURRENT
Forward Current IF (mA)
2.5
2.0
1.5
1.0
0.5
TRANSFER GAIN vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
1.10
1.05
1.00
0.95
0.90
0.85
0.80
TA = –45˚C
–20˚C
0˚C
+25˚C
+50˚C
+75˚C
+85˚C
TA = –45˚C
–20˚C
0˚C
+25˚C
+50˚C
+75˚C
+85˚C
VCC = 5 V
VCC = 5 V
VCC = 5 V
VCC = 5 V
VCC = 5 V
VCC = 5 V,
IF = 2 mA
TA = –45˚C
–20˚C
0˚C
+25˚C
+50˚C
+75˚C
+85˚C
TA = –45˚C
–20˚C
0˚C
+25˚C
+50˚C
+75˚C
+85˚C
Remark The graphs indicate nominal characteristics.
Data Sheet PN10134EJ03V0DS
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com