Electronic Components Datasheet Search
  English  ▼

X  

PS8741 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS8741
Description  FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8741 Datasheet(HTML) 3 Page - California Eastern Labs

  PS8741 Datasheet HTML 1Page - California Eastern Labs PS8741 Datasheet HTML 2Page - California Eastern Labs PS8741 Datasheet HTML 3Page - California Eastern Labs PS8741 Datasheet HTML 4Page - California Eastern Labs PS8741 Datasheet HTML 5Page - California Eastern Labs PS8741 Datasheet HTML 6Page - California Eastern Labs PS8741 Datasheet HTML 7Page - California Eastern Labs PS8741 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PS8741
ORDERING INFORMATION
Part Number
Order Number
Solder plating
Specification
Packing Style
Safety Standard
Application
Part Number
*1
PS8741
PS8741
Solder
Magazine case 45 pcs
Standard products
PS8741
PS8741-F3
PS8741-F3
contains lead
Embossed Tape 2 500 pcs/reel
(UL Approved)
PS8741-F4
PS8741-F4
PS8741
PS8741-A
Pb-Free
Magazine case 45 pcs
PS8741-F3
PS8741-F3-A
Embossed Tape 2 500 pcs/reel
PS8741-F4
PS8741-F4-A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
3
V
Power Dissipation
PD
80
mW/ch
Peak Forward Current
*1
IFP
0.5
A
Detector
Reverse Voltage
VR
20
V
Power Dissipation
PC
50
mW/ch
Isolation Voltage
*2
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
180
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output
ELECTRICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 5 mA
1.1
1.4
V
Reverse Current
IR
VR = 3 V
10
µA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
30
pF
Detector
Dark Current
ID
VCC = 5 V, IF = 0 mA
1
25
nA
Coupled
Servo Gain (IPD1/IF)
K1
VCC = 5 V, IF = 2 mA
0.3
1.0
1.8
%
Forward Gain (IPD2/IF)
K2
0.3
1.0
1.8
Transfer Gain (K2/K1)
K3
VCC = 5 V, IF = 2 mA
0.75
1.0
1.25
Transfer Gain Linearity
∆K3
VCC = 5 V, IF = 2 to 10 mA
0.3
1
%
K3 Temperature Coefficient
∆K3/∆T
VCC = 5 V, IF = 2 to 10 mA,
TA =
−40 to +85°C
0.005
%/
°C
Data Sheet PN10134EJ03V0DS
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com