Electronic Components Datasheet Search
  English  ▼

X  

PS8741 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS8741
Description  FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8741 Datasheet(HTML) 1 Page - California Eastern Labs

  PS8741 Datasheet HTML 1Page - California Eastern Labs PS8741 Datasheet HTML 2Page - California Eastern Labs PS8741 Datasheet HTML 3Page - California Eastern Labs PS8741 Datasheet HTML 4Page - California Eastern Labs PS8741 Datasheet HTML 5Page - California Eastern Labs PS8741 Datasheet HTML 6Page - California Eastern Labs PS8741 Datasheet HTML 7Page - California Eastern Labs PS8741 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PHOTOCOUPLER
PS8741
FOR OPTICAL DAA, HIGH LINEAR
16-PIN SOP PHOTOCOUPLER
−NEPOC Series−
DESCRIPTION
The PS8741 is an optically coupled isolator containing a GaAs LED on the input side and two photodiodes on the
output side.
It is suitable for analog control applications such as PCMCIA card, modem, voice telephony and fax machines.
FEATURES
• For PCMCIA
• Small and thin package (16-pin SOP: Pin pitch = 1.27 mm, Height = 2.1 mm)
• High transfer gain linearity (
∆K3 = 1% MAX.)
• High isolation voltage (BV = 1 500 Vr.m.s.)
• Ordering number of taping product: PS8741-F3, F4: 2 500 pcs/reel
• Safety standards
• UL approved: File No. E72422
APPLICATIONS
• PCMCIA card
• Notebook PC, PDA
• Modem
• Telephone, FAX
The mark
shows major revised points.
Document No. PN10134EJ03V0DS (3rd edition)
Date Published September 2004 CP(K)


Similar Part No. - PS8741

ManufacturerPart #DatasheetDescription
logo
NEC
PS8741 NEC-PS8741 Datasheet
39Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8741 RENESAS-PS8741 Datasheet
240Kb / 12P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
April 1st, 2010
More results

Similar Description - PS8741

ManufacturerPart #DatasheetDescription
logo
NEC
PS2811-1 NEC-PS2811-1 Datasheet
108Kb / 12P
HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
PS8741 NEC-PS8741 Datasheet
39Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS7841-A15 NEC-PS7841-A15 Datasheet
31Kb / 3P
FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
Vishay Siliconix
IL350 VISHAY-IL350 Datasheet
187Kb / 5P
Linear Optocoupler for Optical DAA in Telecommunications, High Performance
04-Jun-04
IL358T VISHAY-IL358T Datasheet
94Kb / 5P
Linear Optocoupler for Optical DAA in Telecommunications, High Performance
09-Nov-12
logo
California Eastern Labs
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS7841-A15 CEL-PS7841-A15 Datasheet
36Kb / 3P
FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
PS8741 RENESAS-PS8741 Datasheet
240Kb / 12P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com