Electronic Components Datasheet Search
  English  ▼

X  

XRA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XRA
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XRA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button XRA Datasheet HTML 2Page - List of Unclassifed Manufacturers XRA Datasheet HTML 3Page - List of Unclassifed Manufacturers XRA Datasheet HTML 4Page - List of Unclassifed Manufacturers XRA Datasheet HTML 5Page - List of Unclassifed Manufacturers XRA Datasheet HTML 6Page - List of Unclassifed Manufacturers XRA Datasheet HTML 7Page - List of Unclassifed Manufacturers XRA Datasheet HTML 8Page - List of Unclassifed Manufacturers XRA Datasheet HTML 9Page - List of Unclassifed Manufacturers XRA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 122 page
background image
E-ZZ-M
MICRO-HHOOK :: XX2015
Part Number
Description
X2015
Micro Double Hook
Standard M
Model CConstruction:
All molded plastic parts are durable nylon. Double contact hooks,
extension tubes and return spring are all made of stainless steel.
Extension tubes are fully insulated. The .030” diameter contact
pin is gold plated nickel copper. Pin permits connection to any
.030” diameter socket.
Features:
- Designed for use with surface mount devices or where
connection point is small
- Double hook connects to items of .025” (.635mm) lead
spacing or greater
- Hooks and .030” pin plug are directly connected to ensure
accurate reading. No sliding contact points
- Design allows for easy connection in tight space
- Insulated shaft allows for simultaneous side by side
connections
Colors: Available in 10 colors. See inside back cover for details.
3
E-ZZ-HHook llead ooptions: Use with .030” socket patch cords on pages 52-53.
X2015
Orrderr DDesk: 11 ((800) 9995-HHOOK
Actual SSize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com