Electronic Components Datasheet Search
  English  ▼

X  

XRA Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # XRA
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XRA Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button XRA Datasheet HTML 78Page - List of Unclassifed Manufacturers XRA Datasheet HTML 79Page - List of Unclassifed Manufacturers XRA Datasheet HTML 80Page - List of Unclassifed Manufacturers XRA Datasheet HTML 81Page - List of Unclassifed Manufacturers XRA Datasheet HTML 82Page - List of Unclassifed Manufacturers XRA Datasheet HTML 83Page - List of Unclassifed Manufacturers XRA Datasheet HTML 84Page - List of Unclassifed Manufacturers XRA Datasheet HTML 85Page - List of Unclassifed Manufacturers XRA Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 122 page
background image
BASIC IINFORMATION
Construction:
Male && FFemale CConnectors: Brass body and fittings. Polystyrene insulators. Silver-plated brass contact. Bright tarnish resistant metal alloy finish. Crimp-on
assembly.
Strain RRelief BBoot: Molded rubber, 1.75” (44.5mm) long.
UHF PPLUGS, RRECEPTACLES AAND AADAPTERS
Part No.
Description
9241
UHF Female Panel Receptacle, 4 Hole Plate Mount
Part No.
Description
9249
UHF Female to UHF Female Adapter
UHF FFEMALE TTO UUHF FFEMALE AADAPTER
Part No.
Description
9243
Right Angle UHF Female to UHF Male Adapter
RIGHT AANGLE UUHF FFEMALE TTO UUHF M
MALE AADAPTER
Part No.
Description
8911
Standard UHF Male Only
8911B
Standard UHF Male with Strain Relief Boot
8911W
Weatherproof UHF Male Only
8911WB Weatherproof UHF Male with Strain Relief Boot
UHF M
MALE CCONNECTOR FFOR RRG58C/U CCABLE
Part No.
Description
9242
UHF Male Cap and Chain
UHF O
OR TTYPE ““N” M
MALE CCAP AAND CCHAIN
UHF FFEMALE BBULKHEAD RRECEPTACLE
Part No.
Description
9240
UHF Female Panel Receptacle
.187” MAX PANEL
THICKNESS
MOUNTING HOLE
UHF FFEMALE PPANEL RRECEPTACLE
4 HHOLE PPLATE M
MOUNT SSILVER FFINISH SS0-2239
STANDARD
CRIMP SLEEVE
79
Orrderr DDesk: 11 ((800) 9995-HHOOK
MOUNTING HOLE
WEATHER PROOF
CRIMP SLEEVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com