Electronic Components Datasheet Search
  English  ▼

X  

XRA Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # XRA
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XRA Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button XRA Datasheet HTML 61Page - List of Unclassifed Manufacturers XRA Datasheet HTML 62Page - List of Unclassifed Manufacturers XRA Datasheet HTML 63Page - List of Unclassifed Manufacturers XRA Datasheet HTML 64Page - List of Unclassifed Manufacturers XRA Datasheet HTML 65Page - List of Unclassifed Manufacturers XRA Datasheet HTML 66Page - List of Unclassifed Manufacturers XRA Datasheet HTML 67Page - List of Unclassifed Manufacturers XRA Datasheet HTML 68Page - List of Unclassifed Manufacturers XRA Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 122 page
background image
Construction: Housing is a two piece molded nylon assembly with a wire collet for
strain relief. The banana socket is nickel-plated brass. Wire connection is soldered.
Colors: Black, red, yellow, green, blue and white.
E-ZZ-FFLEXTM TEST AADAPTERS
Construction: Plastic handle. Nickel-plated brass socket. Solder assembly.
Colors: Available in red and black.
BANANA SSOCKETS
Part No. Description
9210
Standard Banana Socket
Construction: Nylon handle. Nickel-plated brass socket. Solder assembly.
Colors: Available in 10 colors. See inside back cover for details.
Part No. Description
9251
Standard Banana Socket with Long Body
STANDARD BBANANA SSOCKET W
WITH LLONG BBODY AAND LLARGE
WIRE EEXIT HHOLE TTO AACCOMODATE HHEAVY W
WIRE
Part No. Description
9252
Miniature Banana Socket
Construction: Nylon handle. Nickel-plated brass socket. Solder assembly.
Colors: Available in 10 colors. See inside back cover for details.
SHROUDED RRIGHT AANGLE SSTANDARD BBANANA SSOCKET
Part No. Description
9309
Shrouded Right Angle Standard Banana Socket
Fits most SIMPSON and TRIPLETT instruments with recessed plugs for shrouded
receptacles.
Construction: Nickel-plated beryllium copper spring socket. Plastic handle. Solderless
assembly.
Colors: Available in red and black.
STANDARD BBANANA SSOCKET FFEMALE 66-332 TTHREAD M
MOUNTED
Part No. Description
8206
Standard Banana Socket
Construction: Nickel-plated brass body and screw. Tinned brass solder lug.
Part No. Description
9387
Shrouded Banana Socket, Accepts Shrouded Plugs
SHROUDED BBANANA SSOCKET, AACCEPTS SSHROUDED
BANANA PPLUGS
PART NO.
AWG
CONTACT DIA.
TYPE OF CONTACT
9334 (color)
22
.030” (.762mm)
Socket
9338 (color)
22
.030” (.762mm)
Pin
9335 (color)
20
.040” (1.02mm)
Socket
9339 (color)
20
.040” (1.02mm)
Pin
9336 (color)
16
.062” (1.60mm)
Socket
9340 (color)
16
.062” (1.60mm)
Pin
9337 (color)
12
.094” (2.36mm)
Socket
9341 (color)
12
.094” (2.36mm)
Pin
62
MINIATURE BBANANA SSOCKET
www.e-zz-hhooook.coom
m
9334 Shown
9338 Shown
STANDARD BBANANA SSOCKET
BANANA SSOCKET ADAPTER
Accepts standard and shrouded banana plugs. Ideal for lead extension.
Colors: Available in red and black.
Part No.
Description
9430
Banana Socket Adapter
DESCRIPTION: Banana socket end is brass tin plated. All the contact ends are gold
plated. The flexible insulation is molded plastic. Socket accepts standard banana plugs.
Also available in a kit of all E-Z-Flex Adapters. See page 113.
Colors: Available in red and black.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com