Electronic Components Datasheet Search
  English  ▼

X  

XRA Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # XRA
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XRA Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button XRA Datasheet HTML 79Page - List of Unclassifed Manufacturers XRA Datasheet HTML 80Page - List of Unclassifed Manufacturers XRA Datasheet HTML 81Page - List of Unclassifed Manufacturers XRA Datasheet HTML 82Page - List of Unclassifed Manufacturers XRA Datasheet HTML 83Page - List of Unclassifed Manufacturers XRA Datasheet HTML 84Page - List of Unclassifed Manufacturers XRA Datasheet HTML 85Page - List of Unclassifed Manufacturers XRA Datasheet HTML 86Page - List of Unclassifed Manufacturers XRA Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 122 page
background image
MOUNTING HOLES
M
MAATTEERRIIAALLSS
HOUSING AND
FITTINGS............................................BRASS
INSULATOR.......................................TEFLON
CENTER CONTACT.........BERYLLIUM COPPER
FFIIN
NIISSHH
HOUSING AND
FITTINGS........................TRI METAL TARNISH
RESISTANT PLATING
CONTACT...............................SILVER PLATED
EELLEECCTTRRIICCAALL
NOMINAL IMP................................50 OHMS
FREQ. RANGE...........................DC to 11 GHz
VOLTAGE RATING..........................500VRMS
TNC FFEMALE BBULKHEAD RRECEPTACLE
M
MAATTEERRIIAALLSS
HOUSING AND
FITTINGS............................................BRASS
INSULATOR.......................................TEFLON
CENTER CONTACT.........BERYLLIUM COPPER
FFIIN
NIISSHH
HOUSING AND
FITTINGS........................TRI METAL TARNISH
RESISTANT PLATING
CONTACT...............................SILVER PLATED
EELLEECCTTRRIICCAALL
NOMINAL IMP................................50 OHMS
FREQ. RANGE..........................DC to 11 GHZ
VOLTAGE RATING..........................500 VRMS
TNC FFEMALE PPANEL RRECEPTACLE
TNC M
MALE CCONNECTOR
THIS CONNECTOR FITS CABLE TYPES IN RG/U
SERIES 55, 55A, 55B, 58, 58A, 58C, 141,141A,
142,142A, 142B AND 223.
M
MAATTEERRIIAALLSS
HOUSING AND
FITTINGS...........................................BRASS
INSULATOR.....................................TEFLON
CENTER CONTACT............................BRASS
OUTER CONTACT.........BERYLLIUM COPPER
GASKET AND SEALS........SILICONE RUBBER
FFIIN
NIISSHH
HOUSING AND
FITTINGS......................TRI METAL TARNISH
RESISTANT PLATING
CONTACTS...........SILVER PLATE MATERIALS
EELLEECCTTRRIICCAALL
NOMINAL IMP..............................50 OHMS
FREQ. RANGE........................DC to 11 GHz
VOLTAGE RATING..........................500VRMS
TNC CCONNECTORS AAND AADAPTERS
TNC FFEMALE CCONNECTOR
THIS CONNECTOR FITS CABLE TYPES IN RG/U
SERIES 55, 55A, 55B, 58, 58A, 58C, 141,141A,
142,142A, 142B AND 223.
TNC FFEMALE TTO TTNC FFEMALE AADAPTER
M
MAATTEERRIIAALLSS
HOUSING AND
FITTINGS............................................BRASS
INSULATOR.......................................TEFLON
CENTER CONTACT..............................BRASS
OUTER CONTACT...........BERYLLIUM COPPER
GASKET AND SEALS..........SILICONE RUBBER
FFIIN
NIISSHH
HOUSING AND
FITTINGS........................TRI METAL TARNISH
RESISTANT PLATING
CONTACT...............................SILVER PLATED
EELLEECCTTRRIICCAALL
NOMINAL IMP................................50 OHMS
FREQ. RANGE...........................DC to 11 GHz
VOLTAGE RATING..........................500 VRMS
PANEL THICKNESS
.132" MAX.
MOUNTING
HOLE
M
MAATTEERRIIAALLSS
HOUSING AND
FITTINGS............................................BRASS
INSULATOR......................................TEFLON
CENTER CONTACT.........BERYLLIUM COPPER
FFIIN
NIISSHH
HOUSING AND
FITTINGS........................TRI METAL TARNISH
RESISTANT PLATING
CONTACT...............................SILVER PLATED
EELLEECCTTRRIICCAALL
NOMINAL IMP................................50 OHMS
FREQ. RANGE..........................DC to 11 GHz
VOLTAGE RATING..................................VRM
Part No.
Description
8931
LOC Male Plug for RG174U Cable
LOC PPLUGS AAND AADAPTERS
LOC M
MALE CCONNECTOR W
WITH CCRIMP SSLEEVE
LOC FFEMALE CCONNECTOR W
WITH W
WEATHER PPROOF CCRIMP SSLEEVE
Part No.
Description
8933
LOC Female Threaded Panel Receptacle
LOC FFEMALE TTHREADED PPANEL RRECEPTACLE
MOUNTING HOLE
.21" MAX PANEL
THICKNESS
Part No.
Description
8934
LOC Female
Isolated
Ground Panel
Receptacle
LOC FFEMALE IISOLATED G
GROUND PPANEL RRECEPTACLE
MOUNTING
HOLE
.14" MAX PANEL
THICKNESS
LOC FFEMALE TTO LLOC FFEMALE AADAPTER
Part No.
Description
8936
LOC Female to LOC
Female Adapter
Part No.
Description
8932
LOC Female Plug for
RG174U Cable
LOC Connectors were developed for maximum connector density. These
miniature 50 Ohm coaxial connectors feature positive snap-to-lock
engagement design, yet are easily removed by pulling back on the shell to
disengage locking teeth. Full crimp type assembly.
80
www.e-zz-hhooook.coom
m
Part No.
8904
Part No.
8917
Part No.
9317
Part No.
9316
Part No.
9318
MOUNTING HOLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com