Electronic Components Datasheet Search
  English  ▼

X  

XRA Datasheet(PDF) 101 Page - List of Unclassifed Manufacturers

Part # XRA
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XRA Datasheet(HTML) 101 Page - List of Unclassifed Manufacturers

Back Button XRA Datasheet HTML 97Page - List of Unclassifed Manufacturers XRA Datasheet HTML 98Page - List of Unclassifed Manufacturers XRA Datasheet HTML 99Page - List of Unclassifed Manufacturers XRA Datasheet HTML 100Page - List of Unclassifed Manufacturers XRA Datasheet HTML 101Page - List of Unclassifed Manufacturers XRA Datasheet HTML 102Page - List of Unclassifed Manufacturers XRA Datasheet HTML 103Page - List of Unclassifed Manufacturers XRA Datasheet HTML 104Page - List of Unclassifed Manufacturers XRA Datasheet HTML 105Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 122 page
background image
Cable with Part No. 9274 Standard Alligator Ring
RING
TIP
SLEEVE
1/4" PPHONE PPLUG ((WE-3310 // PPJ051) TTEST CCABLES
Part No.
Description
9322-(color) Phone Plug
PATCH CCORD W
WE-3310 PPHONE PPLUG EEACH EEND ((PJ-0051 EEquivalent)
Part No.
Cable
2502-(lgth) 2100 Series
E-ZZ M
MINI HHOOKS TTO W
WE-3310 PPHONE PPLUG ((PJ-0051 EEQUIVALENT)
Cable with Part No. 9274 Standard Alligator Ring
Part No.
Cable
Tip
Ring
2521-(lgth)
2100 Series
X100W
Std. Gator
3021-(lgth)
Twisted Pair
X100W
Std. Gator
Cable with X100W Ring
Part No.
Cable
Tip
Ring
2520-(lght) 2100 Series
X100W
X100W
3020-(Igth) Twisted Pair
X100W
X100W
E-ZZ M
MINI XXR HHOOKS TTO W
WE-3310 PPHONE PPLUG ((PJ-0051 EEQUIVALENT)
Part No.
Cable
Tip
Ring
2521XR-(lgth) 2100 Series
XR
Std. Gator
3021XR-(lgth) Twisted Pair
XR
Std. Gator
Part No.
Cable
Tip
Ring
2520XR-(lgth) 2100 Series
XR
XR
3020XR-(lgth) Twisted Pair
XR
XR
Cable with XR Ring
E-ZZ-M
MICRO-HHOOKS TTO W
WE-3310 PPHONE PPLUG ((PJ-0051 EEQUIVALENT)
Cable with XM Ring
Part No.
Cable
Tip
Ring
2521XM-(lgth) 2100 Series
XM
Mini Gator
3021XM-(lgth) Twisted Pair
XM
Mini Gator
Cable with Part No. 9275 Miniature Alligator Ring
Part No.
Cable
Tip
Ring
2520XM-(lgth) 2100 Series X100W
X100W
3020XM-(lgth) Twisted Pair X100W
X100W
Red XM Tip
Black XM Ring
Red X100W Tip
Black X100W Ring
Red XR Tip
Black XR Ring
SLEEVE
RING
TIP
RED
BLACK
SLEEVE
RING
TIP
RED
BLACK
SLEEVE
RING
TIP
Standard Lengths Available:
SLEEVE
RING
TIP
RED
BLACK
98
www.e-zz-hhooook.coom
m
Details: 1/4” Phone Plug is a functional equivalent
to both the WE-310 and PJ-051.
Frame is
machined brass. All internal insulation is injection
molded nylon. A red or black zinc die cast handle
is also part of a chuck-type strain-relief clamp that
accepts cables from .100” to .280” in diameter.
Internal connections are soldered.
36”
48”
60”
90cm
120cm
150cm
18”
24”
30”
45cm
60cm
75cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com