Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9524 Datasheet HTML 40Page - Analog Devices AD9524 Datasheet HTML 41Page - Analog Devices AD9524 Datasheet HTML 42Page - Analog Devices AD9524 Datasheet HTML 43Page - Analog Devices AD9524 Datasheet HTML 44Page - Analog Devices AD9524 Datasheet HTML 45Page - Analog Devices AD9524 Datasheet HTML 46Page - Analog Devices AD9524 Datasheet HTML 47Page - Analog Devices AD9524 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
AD9524
Data Sheet
Rev. E | Page 44 of 56
Input PLL (PLL1) (Address 0x010 to Address 0x01D)
Table 35. PLL1 REFA R Divider Control
Address
Bits
Bit Name
Description
0x010
[7:0]
REFA R divider
10-bit REFA R divider, Bits[7:0] (LSB). Divide-by-1 to divide-by-1023.
00000000, 00000001: divide-by-1.
0x011
[1:0]
10-bit REFA R divider, Bits[9:8] (MSB)
Table 36. PLL1 REFB R Divider Control1
Address
Bits
Bit Name
Description
0x012
[7:0]
REFB R divider
10-bit REFB R divider, Bits[7:0] (LSB). Divide-by-1 to divide-by-1023.
00000000, 00000001: divide-by-1.
0x013
[1:0]
10-bit REFB R divider, Bits[9:8] (MSB)
1
Requires Register 0x01C, Bit 7 = 1 for division that is independent of REFA division.
Table 37. PLL1 Reference Test Divider
Address
Bits
Bit Name
Description
0x014
[7:6]
Reserved
Reserved
[5:0]
REF_TEST divider
6-bit reference test divider. Divide-by-1 to divide-by-63.
000000, 000001: divide-by-1.
Table 38. PLL1 Reserved
Address
Bits
Bit Name
Description
0x015
[7:0]
Reserved
Reserved
Table 39. PLL1 Feedback N Divider Control
Address
Bits
Bit Name
Description
0x016
[7:0]
PLL1 feedback N divider control
(N_PLL1)
10-bit feedback divider, Bits[7:0] (LSB). Divide-by-1 to divide-by-1023.
00000000, 00000001: divide-by-1.
0x017
[1:0]
10-bit feedback divider, Bits[1:0] (MSB)
Table 40. PLL1 Charge Pump Control
Address
Bits
Bit Name
Description
0x018
7
PLL1 charge pump tristate
Tristates the PLL1 charge pump.
[6:0]
PLL1 charge pump control
These bits set the magnitude of the PLL1 charge pump current. Granularity is ~0.5 μA
with a full-scale magnitude of ~63.5 μA.
0x019
[7:5]
Reserved
Reserved.
4
Enable SPI control of antibacklash
pulse width
Controls the functionality of Register 0x019, Bits[3:2].
0 (default): the device automatically controls the antibacklash period to high
(equivalent to Register 0x019, Bits[3:2] = 10)
1: antibacklash period defined by Register 0x019, Bits[3:2].
[3:2]
Antibacklash pulse width control
Controls the PFD antibacklash period.
00 (default): minimum.
01: low.
10: high.
11: maximum.
These bits are ineffective unless Register 0x019, Bit 4 = 1.
[1:0]
PLL1 charge pump mode
Controls the mode of the PLL1 charge pump.
00: (default) tristate.
01: pump up.
10: pump down.
11: normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com