Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9524 Datasheet HTML 44Page - Analog Devices AD9524 Datasheet HTML 45Page - Analog Devices AD9524 Datasheet HTML 46Page - Analog Devices AD9524 Datasheet HTML 47Page - Analog Devices AD9524 Datasheet HTML 48Page - Analog Devices AD9524 Datasheet HTML 49Page - Analog Devices AD9524 Datasheet HTML 50Page - Analog Devices AD9524 Datasheet HTML 51Page - Analog Devices AD9524 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
AD9524
Data Sheet
Rev. E | Page 48 of 56
Table 48. VCO Control
Address
Bits
Bit Name
Description
0x0F3
[7:5]
Reserved
Reserved.
4
Force release of distribution sync
when PLL2 is unlocked
0 (default): distribution is held in sync (static) until the output PLL locks. Then it is
automatically released from sync with all dividers synchronized.
1: overrides the PLL2 lock detector state; forces release of the distribution from
sync.
3
Reserved
0 (default): value must remain 0.
2
Force VCO to midpoint frequency
Selects VCO control voltage functionality.
0 (default): normal VCO operation.
1: forces VCO control voltage to midscale.
1
Calibrate VCO (not autoclearing)
1: initiates VCO calibration (this is not an autoclearing bit).
0: resets the VCO calibration.
0
Reserved
Reserved.
Table 49. VCO Divider Control
Address
Bits
Bit Name
Description
0x0F4
[7:4]
Reserved
Reserved.
3
VCO divider power-down
1: powers down the divider.
0: normal operation.
[2:0]
VCO divider
Note that the VCO divider connects to all output channels.
Bit 2
Bit 1
Bit 0
Divider Value
0
0
0
Divide-by-4
0
0
1
Divide-by-5
0
1
0
Divide-by-6
0
1
1
Divide-by-7
1
0
0
Divide-by-8
1
0
1
Divide-by-9
1
1
0
Divide-by-10
1
1
1
Divide-by-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com