Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9524 Datasheet HTML 15Page - Analog Devices AD9524 Datasheet HTML 16Page - Analog Devices AD9524 Datasheet HTML 17Page - Analog Devices AD9524 Datasheet HTML 18Page - Analog Devices AD9524 Datasheet HTML 19Page - Analog Devices AD9524 Datasheet HTML 20Page - Analog Devices AD9524 Datasheet HTML 21Page - Analog Devices AD9524 Datasheet HTML 22Page - Analog Devices AD9524 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Data Sheet
AD9524
Rev. E | Page 19 of 56
THEORY OF OPERATION
DETAILED BLOCK DIAGRAM
CHARGE
PUMP
×2
÷D1
VCXO
SWITCH-
OVER
CONTROL
RESYNCH
÷M1
STATUS MONITOR
LOCK DETECT/
SERIAL PORT
ADDRESS
CONTROL
INTERFACE
(SPI AND I2C)
SCLK/SCL
SDO
SDIO/SDA
÷N2
PLL2
LDO_PLL2
LOOP
FILTER
TO SYNC
LOOP
FILTER
CHARGE
PUMP
PLL1
LOCK
DETECT
LOCK
DETECT
P
F
D
ZD_IN
ZD_IN
PD
RESET
SYNC
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
SYNC
SIGNAL
PLL1_OUT
VDD1.8_OUT[X:Y]
REFA
REFA
REFB
REFB
AD9524
REF_SEL
STATUS0/
SP0
STATUS1/
SP1
EEPROM
EEPROM_SEL
LF2_EXT_CAP
LF1_EXT_CAP
REF_TEST
OSC_CTRL
OSC_IN
CS
÷R
÷R
÷R
÷N1
LDO_PLL1
LDO_VCO
VDD3_OUT[X:Y]
VDD3_PLL1
VDD3_PLL2
NC
VCO
P
F
D
OUT5
OUT5
OUT4
OUT4
OUT3
OUT3
OUT2
OUT2
OUT1
OUT1
OUT0
OUT0
Figure 22. Top Level Diagram
OVERVIEW
The AD9524 is a clock generator that employs integer-N-based
phase-locked loops (PLL). The device architecture consists of
two cascaded PLL stages. The first stage, PLL1, consists of an
integer division PLL that uses an external voltage-controlled
crystal oscillator (VCXO) of up to 250 MHz. PLL1 has a narrow-
loop bandwidth that provides initial jitter cleanup of the input
reference signal. The second stage, PLL2, is a frequency
multiplying PLL that translates the first stage output frequency
to a range of 3.6 GHz to 4.0 GHz. PLL2 incorporates an integer-
based feedback divider that enables integer frequency multipli-
cation. Programmable integer dividers (1 to 1024) follow PLL2,
establishing a final output frequency of 1 GHz or less.
The AD9524 includes reference signal processing blocks that
enable a smooth switching transition between two reference
inputs. This circuitry automatically detects the presence of the
reference input signals. If only one input is present, the device
uses it as the active reference. If both are present, one becomes
the active reference and the other becomes the backup reference.
If the active reference fails, the circuitry automatically switches
to the backup reference (if available), making it the new active
reference. A register setting determines what action to take if the
failed reference is once again available: either stay on Reference B
or revert to Reference A. If neither reference can be used, the
AD9524 supports a holdover mode. A reference select pin
(REF_SEL, Pin 45) is available to manually select which input
reference is active (see Table 43). The accuracy of the holdover
is dependent on the external VCXO frequency stability at half
supply voltage.
Any of the divider settings are programmable via the serial
programming port, enabling a wide range of input/output
frequency ratios under program control. The dividers also
include a programmable delay to adjust timing of the output
signals, if required.
The output is compatible with LVPECL, LVDS, or HSTL logic
levels (see the Input/Output Termination Recommendations
section); however, the AD9524 is implemented only in CMOS.
The loop filters of each PLL are integrated and programmable.
Only a single external capacitor for each of the two PLL loop
filters is required.
The AD9524 operates over the extended industrial temperature
range of −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com