Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9524 Datasheet HTML 27Page - Analog Devices AD9524 Datasheet HTML 28Page - Analog Devices AD9524 Datasheet HTML 29Page - Analog Devices AD9524 Datasheet HTML 30Page - Analog Devices AD9524 Datasheet HTML 31Page - Analog Devices AD9524 Datasheet HTML 32Page - Analog Devices AD9524 Datasheet HTML 33Page - Analog Devices AD9524 Datasheet HTML 34Page - Analog Devices AD9524 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Data Sheet
AD9524
Rev. E | Page 31 of 56
The default mode of the AD9524 serial control port is the
bidirectional mode. In bidirectional mode, both the sent data
and the readback data appear on the SDIO pin. It is also possible to
set the AD9524 to unidirectional mode. In unidirectional mode,
the readback data appears on the SDO pin.
A readback request reads the data that is in the serial control port
buffer area or the data that is in the active registers (see Figure 37).
SERIAL
CONTROL
PORT
BUFFER
REGISTERS
UPDATE
REGISTERS
ACTIVE
REGISTERS
SCLK/SCL
SDO
SDIO/SDA
CS
Figure 37. Relationship Between Serial Control Port Buffer Registers and
Active Registers
SPI INSTRUCTION WORD (16 BITS)
The MSB of the instruction word is R/W, which indicates
whether the instruction is a read or a write. The next two bits
([W1:W0]) indicate the length of the transfer in bytes. The final
13 bits are the address ([A12:A0]) at which to begin the read or
write operation.
For a write, the instruction word is followed by the number of
bytes of data indicated by Bits[W1:W0] (see Table 25).
Table 25. Byte Transfer Count
W1
W0
Bytes to Transfer
0
0
1
0
1
2
1
0
3
1
1
Streaming mode
Bits[A12:A0] select the address within the register map that is
written to or read from during the data transfer portion of the
communications cycle. Only Bits[A11:A0] are needed to cover
the range of the 0x234 registers used by the AD9524. Bit A12
must always be 0. For multibyte transfers, this address is the
starting byte address. In MSB first mode, subsequent bytes
decrement the address.
SPI MSB/LSB FIRST TRANSFERS
The AD9524 instruction word and byte data can be MSB first
or LSB first. Any data written to Register 0x000 must be mirrored:
Bit 7 is mirrored to Bit 0, Bit 6 to Bit 1, Bit 5 to Bit 2, and Bit 4 to
Bit 3. This makes it irrelevant whether LSB first or MSB first is
in effect. The default for the AD9524 is MSB first.
When LSB first is set by Register 0x000, Bit 1 and Register 0x000,
Bit 6, it takes effect immediately because it affects only the
operation of the serial control port and does not require that
an update be executed.
When MSB first mode is active, the instruction and data bytes
must be written from MSB to LSB. Multibyte data transfers in
MSB first format start with an instruction byte that includes the
register address of the most significant data byte. Subsequent
data bytes must follow in order from the high address to the
low address. In MSB first mode, the serial control port internal
address generator decrements for each data byte of the multibyte
transfer cycle.
When LSB first mode is active, the instruction and data bytes
must be written from LSB to MSB. Multibyte data transfers in
LSB first format start with an instruction byte that includes the
register address of the least significant data byte, followed by
multiple data bytes. In a multibyte transfer cycle, the internal
byte address generator of the serial port increments for each byte.
The AD9524 serial control port register address decrements
from the register address just written toward 0x000 for multibyte
I/O operations if the MSB first mode is active (default). If the
LSB first mode is active, the register address of the serial control
port increments from the address just written toward 0x234 for
multibyte I/O operations. Unused addresses are not skipped for
these operations.
For multibyte accesses that cross Address 0x234 or Address 0x000
in MSB first mode, the SPI internally disables writes to subsequent
registers and returns zeros for reads to subsequent registers.
Streaming mode always terminates when crossing address
boundaries (as shown in Table 26).
Table 26. Streaming Mode (No Addresses Are Skipped)
Write Mode
Address Direction
Stop Sequence
MSB First
Decrement
…, 0x001, 0x000, stop
Table 27. Serial Control Port, 16-Bit Instruction Word, MSB First
MSB
LSB
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
R/W
W1
W0
A12 = 0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com