Electronic Components Datasheet Search
  English  ▼

X  

CC3000EM Datasheet(PDF) 7 Page - Texas Instruments

Part # CC3000EM
Description  TI CC3000 Evaluation Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3000EM Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC3000EM Datasheet HTML 3Page - Texas Instruments CC3000EM Datasheet HTML 4Page - Texas Instruments CC3000EM Datasheet HTML 5Page - Texas Instruments CC3000EM Datasheet HTML 6Page - Texas Instruments CC3000EM Datasheet HTML 7Page - Texas Instruments CC3000EM Datasheet HTML 8Page - Texas Instruments CC3000EM Datasheet HTML 9Page - Texas Instruments CC3000EM Datasheet HTML 10Page - Texas Instruments CC3000EM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
EM Board Top View
Table 2-1. Key Parts of CC3000 EM Board Top View
Key Parts
Descriptions
CC3000MOD
Core module for performance evaluation (for more information, see the CC3000
module data sheet).
Antenna
Can be used for radiated testing by reworking the capacitor to correct pads
J1
U.FL RF connector used for conductive RF test
J2
Used to switch between test mode and operation mode. When pins 2 and 3 are
shorted, J2 runs in operation mode. When pins 1 and 2 are shorted, J2 runs in test
mode.
J3
Used to test power consumption. The pins of the jumper are shorted in operation
mode. For power testing, the jumper is removed and an ammeter bridges the pins.
J4
Through-hole test points (For more information, see Table 2-3.)
J5
Through-hole test points (For more information, see Table 2-4.)
Table 2-2. J2 Configuration of the CC3000 EM Board
Mode
Description
Test mode: CC3000 radio tool
(1)
Connect pins 1 and 2. Test mode is used with the CC3000 radio tool for operating,
testing, and calibrating the CC3000 chip-set designs during development. This tool
uses the RS232/UART pins to run radio frequency (RF) RX and TX tests on the
CC3000 module. For more information, see the CC3000 wiki.
Functional mode: Normal mode
Connect pins 2 and 3. Normal mode is for regular functionality between the host
platform and the CC3000 module.
(1)
For more information about test software for the PC, go to the CC3000 wiki at
http://processors.wiki.ti.com/index.php/CC3000_Wi-Fi_for_MCU.
Table 2-3. Header J4 of the CC3000 EM Board Top View
J4 Pin
Pin Name
Pin Type
Descriptions
1
GND
–
Ground
2
Reserved
–
Reserved
3
Reserved
–
Reserved
4
Reserved
–
Reserved
5
WL_RS232_TX
Output
RS232 transmit output; used for the radio tool serial
interface in test mode. Leave floating in functional mode.
6
WL_RS232_RX
Input
RS232 receive output; used for the radio tool serial
interface in test mode. Leave floating in functional mode.
7
GND
–
Ground
8
WL_SPI_CS
Input
Host interface SPI chip select
9
WL_SPI_DOUT
Output
Host interface SPI data output
10
WL_SPI_IRQ
Output
Host interface SPI interrupt request
11
WL_SPI_DIN
Input
Host interface SPI data input
12
WL_SPI_CLK
Input
Host interface SPI clock input
7
SWRU326 – November 2012
CC3000 EM Board
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com