Electronic Components Datasheet Search
  English  ▼

X  

CC3000EM Datasheet(PDF) 13 Page - Texas Instruments

Part # CC3000EM
Description  TI CC3000 Evaluation Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3000EM Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC3000EM Datasheet HTML 9Page - Texas Instruments CC3000EM Datasheet HTML 10Page - Texas Instruments CC3000EM Datasheet HTML 11Page - Texas Instruments CC3000EM Datasheet HTML 12Page - Texas Instruments CC3000EM Datasheet HTML 13Page - Texas Instruments CC3000EM Datasheet HTML 14Page - Texas Instruments CC3000EM Datasheet HTML 15Page - Texas Instruments CC3000EM Datasheet HTML 16Page - Texas Instruments CC3000EM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
1.2 inches
J2
J1
20
19
1
2
20
19
1
2
SWRU326-007
www.ti.com
Hardware Setup
2.4
Hardware Setup
Before conducting performance tests, the EM board must be connected to the host platform, either with
the mating connectors (J6 and J7) or the single-row headers (J4 and J5). To use the EM mating
connectors to connect the hardware, the mating EM connector must be lined up and spaced 1.2 inches
apart (see Figure 2-7). To use the single-row headers, the required signals from the EM mating
connectors must be wired to the host platform.
Figure 2-7. Host PCB Mating Connector Arrangement
13
SWRU326 – November 2012
CC3000 EM Board
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com