Electronic Components Datasheet Search
  English  ▼

X  

CC3000EM Datasheet(PDF) 17 Page - Texas Instruments

Part # CC3000EM
Description  TI CC3000 Evaluation Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3000EM Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC3000EM Datasheet HTML 13Page - Texas Instruments CC3000EM Datasheet HTML 14Page - Texas Instruments CC3000EM Datasheet HTML 15Page - Texas Instruments CC3000EM Datasheet HTML 16Page - Texas Instruments CC3000EM Datasheet HTML 17Page - Texas Instruments CC3000EM Datasheet HTML 18Page - Texas Instruments CC3000EM Datasheet HTML 19Page - Texas Instruments CC3000EM Datasheet HTML 20Page - Texas Instruments CC3000EM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
SWRU326-013
www.ti.com
Table 3-1. Module Layout Guidelines
Reference
(1)
Guideline Description
1
The proximity of ground vias must be close to the pad.
2
Signal traces must not be run underneath the module on the layer where the module is mounted.
3
Have a complete ground pour in layer 2 for thermal dissipation.
4
Have a solid ground plane and ground vias under the module for stable system and thermal dissipation.
5
Increase the ground pour in the first layer and have all of the traces from the first layer on the inner
layers, if possible.
6
Signal traces can be run on a third layer under the solid ground layer, which is below the module
mounting layer.
(1)
See Figure 3-2.
Figure 3-2. Module Layout Guidelines
Figure 3-3 shows the trace design for the PCB. A 50-
Ω impedance match on the trace to the antenna
should be used. Also, 50-
Ω traces are recommended for the PCB layout. Table 3-2 lists the distances
shown in Figure 3-3. Figure 3-4 shows layer 1 with the trace to the antenna over ground layer 2. Table 3-3
and Figure 3-5 describe instances of good layout practices for the antenna and RF trace routing.
17
SWRU326 – November 2012
Layout Guidelines
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com