Electronic Components Datasheet Search
  English  ▼

X  

CC3000EM Datasheet(PDF) 11 Page - Texas Instruments

Part # CC3000EM
Description  TI CC3000 Evaluation Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3000EM Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC3000EM Datasheet HTML 7Page - Texas Instruments CC3000EM Datasheet HTML 8Page - Texas Instruments CC3000EM Datasheet HTML 9Page - Texas Instruments CC3000EM Datasheet HTML 10Page - Texas Instruments CC3000EM Datasheet HTML 11Page - Texas Instruments CC3000EM Datasheet HTML 12Page - Texas Instruments CC3000EM Datasheet HTML 13Page - Texas Instruments CC3000EM Datasheet HTML 14Page - Texas Instruments CC3000EM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SWRU326-005
AT8010-E2R9HAA
2.2 pF
2.2 nH
SWRU326-004
www.ti.com
Antenna
Figure 2-4. Matching Circuit Between the Antenna and the CC3000 EM Board
Figure 2-5. Return Loss from the ACX Antenna and Matching Circuit
11
SWRU326 – November 2012
CC3000 EM Board
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com