Electronic Components Datasheet Search
  English  ▼

X  

MAX3372EEKAT Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX3372EEKAT
Description  ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3372EEKAT Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX3372EEKAT Datasheet HTML 17Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 18Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 19Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 20Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 21Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 22Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 23Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 24Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
21
Maxim Integrated
Selector Guide
PART
LEVEL
TRANS-
LATION
Tx/
Rx
†
DATA
RATE
TOP
MARK
MAX3372EEKA+T
Bi
2/2
AAKO
MAX3372EEBL+T
Bi
2/2
AAR
MAX3372EETA+T
Bi
2/2
230kbps
AQG
MAX3373EEKA+T
Bi
2/2
AAKS
MAX3373EEBL+T
Bi
2/2
AAZ
MAX3373EETA+T
Bi
2/2
AQH
MAX3374EEKA+T
Uni
2/0
AALH
MAX3374EEBL+T
Uni
2/0
ABA
MAX3374EETA+T
Uni
2/0
AQI
MAX3375EEKA+T
Uni
1/1
AALI
MAX3375EEBL+T
Uni
1/1
ABB
MAX3375EETA+T
Uni
1/1
AQJ
MAX3376EEKA+T
Uni
0/2
AALG
MAX3376EEBL+T
Uni
0/2
AAV
MAX3376EETA+T
Uni
0/2
8Mbps*
AQK
MAX3377EEUD+
Bi
4/4
—
MAX3377EEBC+T
Bi
4/4
AAX
MAX3377EETD+T
Bi
4/4
230kbps
AAG
PART
LEVEL
TRANS-
LATION
Tx/
Rx
†
DATA
RATE
TOP
MARK
MAX3378EEUD+
Bi
4/4
—
MAX3378EEBC+T
Bi
4/4
AAY
MAX3378EETD+T
Bi
4/4
AAH
MAX3379EEUD+
Uni
4/0
—
MAX3379EEBC+T
Uni
4/0
AAZ
MAX3379EETD+T
Uni
4/0
AAI
MAX3390EEUD+
Uni
3/1
—
MAX3390EEBC+T
Uni
3/1
ABA
MAX3390EETD+T
Uni
3/1
AAJ
MAX3391EEUD+
Uni
2/2
—
MAX3391EEBC+T
Uni
2/2
ABB
MAX3391EETD+T
Uni
2/2
AAK
MAX3392EEUD+
Uni
1/3
—
MAX3392EEBC+T
Uni
1/3
ABC
MAX3392EETD+T
Uni
1/3
AAL
MAX3393EEUD+
Uni
0/4
—
MAX3393EEBC+T
Uni
0/4
ABD
MAX3393EETD+T
Uni
0/4
8Mbps*
AAM
†Tx = VL
→ VCC, Rx = VCC → VL
*
Higher data rates are possible (see the Timing Characteristics table).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com