Electronic Components Datasheet Search
  English  ▼

X  

MAX6721 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6721
Description  Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6721 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6721 Datasheet HTML 4Page - Maxim Integrated Products MAX6721 Datasheet HTML 5Page - Maxim Integrated Products MAX6721 Datasheet HTML 6Page - Maxim Integrated Products MAX6721 Datasheet HTML 7Page - Maxim Integrated Products MAX6721 Datasheet HTML 8Page - Maxim Integrated Products MAX6721 Datasheet HTML 9Page - Maxim Integrated Products MAX6721 Datasheet HTML 10Page - Maxim Integrated Products MAX6721 Datasheet HTML 11Page - Maxim Integrated Products MAX6721 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
8
_______________________________________________________________________________________
Pin Description (continued)
PIN
MAX6715/
MAX6716
MAX6717/
MAX6718
MAX6719/
MAX6720
MAX6721/
MAX6722
MAX6723/
MAX6724
MAX6725/
MAX6726
MAX6727
MAX6728/
MAX6729
NAME
FUNCTION
——
—5
3333
WDI
Watchdog Input. If WDI
remains high or low for
longer than the watchdog
timeout period, the
internal watchdog timer
runs out and the reset
output asserts for the
reset timeout period. The
internal watchdog timer
clears whenever a reset
is asserted or WDI sees a
rising or falling edge. The
watchdog has a long
timeout period (35s min)
after each reset event
and a short timeout
period (1.12s min) after
the first valid WDI
transition.
——
5
—
577
—
RSTIN
Undervoltage Reset
Comparator Input. High-
impedance input for
adjustable reset monitor.
The reset output is
asserted when RSTIN falls
below the 0.626V internal
reference voltage. Set the
monitored voltage reset
threshold with an external
resistor-divider network.
Connect RSTIN to VCC1 or
VCC2 if not used.
——
———
——
7
PFI
Power-Fail Voltage
Monitor Input. High-
impedance input for
internal power-fail monitor
comparator. Connect PFI
to an external resistor-
divider network to set the
power-fail threshold
voltage (0.626V typical
internal reference
voltage). Connect to
GND, VCC1, or VCC2 if
not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com