Electronic Components Datasheet Search
  English  ▼

X  

MAX6721 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6721
Description  Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6721 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6721 Datasheet HTML 7Page - Maxim Integrated Products MAX6721 Datasheet HTML 8Page - Maxim Integrated Products MAX6721 Datasheet HTML 9Page - Maxim Integrated Products MAX6721 Datasheet HTML 10Page - Maxim Integrated Products MAX6721 Datasheet HTML 11Page - Maxim Integrated Products MAX6721 Datasheet HTML 12Page - Maxim Integrated Products MAX6721 Datasheet HTML 13Page - Maxim Integrated Products MAX6721 Datasheet HTML 14Page - Maxim Integrated Products MAX6721 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
providing an early power-fail warning so software can
conduct an orderly system shutdown. It can also be
used to monitor supplies other than VCC1 or VCC2 by
setting the power-fail threshold with a resistor-divider, as
shown in Figure 3. PFI is the input to the power-fail com-
parator. The typical comparator delay is 2µs from PFI to
PFO. Connect PFI to ground of VCC1 if unused.
Ensuring a Valid Reset Output
Down to VCC = 0
The MAX6715–MAX6729 are guaranteed to operate
properly down to VCC = 0.8V. In applications that
require valid reset levels down to VCC = 0 use a pull-
down resistor at RST to ground. The resistor value used
is not critical, but it must be large enough not to load
the reset output when VCC is above the reset threshold.
For most applications, 100k
Ω is adequate. This config-
uration does not work for the open-drain outputs of the
MAX6715/MAX6717/MAX6719/MAX6721/MAX6723/
MAX6725/MAX6727/MAX6728. For push-pull, active-
high RST output connect the external resistor as a
pullup from RST to VCC1.
Applications Information
Interfacing to µPs with Bidirectional
Reset Pins
Most microprocessors with bidirectional reset pins can
interface directly to open-drain RST output options.
Systems simultaneously requiring a push-pull RST out-
put and a bidirectional reset interface can be in logic
contention. To prevent contention, connect a 4.7k
Ω
resistor between RST and the µP’s reset I/O port as
shown in Figure 4.
Adding Hysteresis to the Power-Fail
Comparator
The power-fail comparator has a typical input hysteresis
of 3mV. This is sufficient for most applications where a
power-supply line is being monitored through an external
voltage-divider (see the Power-Fail Comparator section).
If additional noise margin is desired, connect a resistor
between PFO and PFI as shown in Figure 5. Select the
values of R1, R2, and R3 so PFI sees VPFI (626mV) when
VEXT falls to its power-fail trip point (VFAIL) and when VIN
rises to its power-good trip point (VGOOD). The hysteresis
window extends between the specified VFAIL and VGOOD
thresholds. R3 adds the additional hysteresis by sinking
current from the R1/R2 divider network when PFO is logic
low and sourcing current into the network when PFO is
logic high. R3 is typically an order of magnitude greater
than R1 or R2.
The current through R2 should be at least 2.5µA to
ensure that the 25nA (max) PFI input current does not
significantly shift the trip points. Therefore, R2 <
VPFI/2.5µA < 248k
Ω for most applications. R3 will provide
additional hysteresis for PFO push-pull (VOH = VCC1) or
open-drain (VOH = VPULLUP) applications.
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
______________________________________________________________________________________
11
MAX6728/
MAX6729
R1
R2
PFI
GND
VIN
PFO
VTRIP = VPFI
R1 + R2
R2
()
MAX6728/
MAX6729
R1
R2
PFI
GND
VCC
VIN
PFO
VTRIP = R2 (VPFI)
1
R1
1
R2
+-
VCC
R1
[]
()
VPFI = 626.5mV
A
B
Figure 3. Using Power-Fail Input to Monitor an Additional
Power-Supply a) VIN is Positive b) VIN is Negative
MAX6715–
MAX6729
GND
GND
VCC1VCC2
VCC2
VCC1
RST
RESET TO OTHER SYSTEM COMPONENTS
RESET
µP
4.7k
Ω
Figure 4. Interfacing to µPs with Bidirectional Reset I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com