Electronic Components Datasheet Search
  English  ▼

X  

MAX6721 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6721
Description  Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6721 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6721 Datasheet HTML 1Page - Maxim Integrated Products MAX6721 Datasheet HTML 2Page - Maxim Integrated Products MAX6721 Datasheet HTML 3Page - Maxim Integrated Products MAX6721 Datasheet HTML 4Page - Maxim Integrated Products MAX6721 Datasheet HTML 5Page - Maxim Integrated Products MAX6721 Datasheet HTML 6Page - Maxim Integrated Products MAX6721 Datasheet HTML 7Page - Maxim Integrated Products MAX6721 Datasheet HTML 8Page - Maxim Integrated Products MAX6721 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
_______________________________________________________________________________________
5
0
4
2
10
8
6
16
14
12
18
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
VCC1 = 5V, VCC2 = 3.3V
TEMPERATURE (
°C)
TOTAL
ICC1
ICC2
0
4
2
10
8
6
16
14
12
18
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
VCC1 = 3.3V, VCC2 = 2.5V
TEMPERATURE (
°C)
TOTAL
ICC1
ICC2
0
4
2
10
8
6
16
14
12
18
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
VCC1 = 2.5V, VCC2 = 1.8V
TEMPERATURE (
°C)
TOTAL
ICC1
ICC2
0
4
2
10
8
6
16
14
12
18
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
VCC1 = 1.8V, VCC2 = 1.2V
TEMPERATURE (
°C)
TOTAL
ICC1
ICC2
0.998
1.000
0.999
1.003
1.002
1.001
1.006
1.005
1.004
1.007
-40
10
-15
35
60
85
NORMALIZED RESET/WATCHDOG
TIMEOUT PERIOD vs. TEMPERATURE
TEMPERATURE (
°C)
10,000
1000
100
10
1
100
10
1000
MAXIMUM VCC TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (mV)
RESET OCCURS ABOVE
THIS LINE
0.996
0.997
0.998
0.999
1.000
1.001
1.002
1.003
1.004
-40
-15
10
35
60
85
NORMALIZED VCC RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
625
627
626
629
628
630
631
-40
85
RESET INPUT AND POWER-FAIL INPUT
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
10
-15
35
60
44
47
46
45
48
49
50
51
52
53
54
-40
10
-15
35
60
85
VCC TO RESET DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
100mV OVERDRIVE
Typical Operating Characteristics
(VCC1 = 5V, VCC2 = 3.3V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com