Electronic Components Datasheet Search
  English  ▼

X  

MAX6721 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX6721
Description  Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6721 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX6721 Datasheet HTML 8Page - Maxim Integrated Products MAX6721 Datasheet HTML 9Page - Maxim Integrated Products MAX6721 Datasheet HTML 10Page - Maxim Integrated Products MAX6721 Datasheet HTML 11Page - Maxim Integrated Products MAX6721 Datasheet HTML 12Page - Maxim Integrated Products MAX6721 Datasheet HTML 13Page - Maxim Integrated Products MAX6721 Datasheet HTML 14Page - Maxim Integrated Products MAX6721 Datasheet HTML 15Page - Maxim Integrated Products MAX6721 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Monitoring an Additional Power Supply
These µP supervisors can monitor either positive or
negative supplies using a resistor voltage-divider to
PFI. PFO can be used to generate an interrupt to the µP
or cause reset to assert (Figure 3).
Monitoring a Negative Voltage
The power-fail comparator can be used to monitor a
negative supply voltage using the circuit shown in
Figure 3. When the negative supply is valid, PFO is low.
When the negative supply voltage drops, PFO goes
high. The circuit’s accuracy is affected by the PFI
threshold tolerance, VCC, R1, and R2.
Negative-Going VCC Transients
The MAX6715–MAX6729 supervisors are relatively
immune to short-duration negative-going VCC transients
(glitches). It is usually undesirable to reset the µP when
VCC experiences only small glitches. The Typical
Operating Characteristics show Maximum Transient
Duration vs. Reset Threshold Overdrive, for which reset
pulses are not generated. The graph was produced
using negative-going VCC pulses, starting above VTH
and ending below the reset threshold by the magnitude
indicated (reset threshold overdrive). The graph shows
the maximum pulse width that a negative-going VCC
transient may typically have without causing a reset
pulse to be issued. As the amplitude of the transient
increases (i.e., goes farther below the reset threshold),
the maximum allowable pulse width decreases. A 0.1µF
bypass capacitor mounted close to the VCC pin pro-
vides additional transient immunity.
Watchdog Software Considerations
Setting and resetting the watchdog input at different
points in the program, rather than “pulsing” the watch-
dog input high-low-high or low-high-low, helps the
watchdog timer to closely monitor software execution.
This technique avoids a “stuck” loop where the watch-
dog timer continues to be reset within the loop, keeping
the watchdog from timing out. Figure 6 shows an exam-
ple flow diagram where the I/O driving the watchdog
input is set high at the beginning of the program, set low
at the beginning of every subroutine or loop, then set
high again when the program returns to the beginning. If
the program should “hang” in any subroutine, the I/O is
continually set low and the watchdog timer is allowed to
time out, causing a reset or interrupt to be issued.
Chip Information
TRANSISTOR COUNT: 1072
PROCESS: BiCMOS
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
12
______________________________________________________________________________________
MAX6728/
MAX6729
VEXT
R1
R3
R2
PFI
GND
PFO
A
VGOOD = DESIRED VEXT GOOD VOLTAGE THRESHOLD
VFAIL = DESIRED VEXT FAIL VOLTAGE THRESHOLD
VOH = VCC1 (FOR PUSH-PULL PFO)
R2 = 200k
Ω (FOR > 2.5µA R2 CURRENT)
R1 = R2 ((VGOOD - VPFI) - (VPFI)(VGOOD - VFAIL) / VOH) / VPFI
R3 = (R1 x VOH) / (VGOOD - VFAIL)
VGOOD
VFAIL
VIN
PFO
Figure 5. Adding Hysteresis to Power-Fail for Push-Pull PFO
START
SET WDI
HIGH
PROGRAM
CODE
SUBROUTINE OR
PROGRAM LOOP
SET WDI LOW
RETURN
SUBROUTINE
COMPLETED
HANG IN
SUBROUTINE
Figure 6. Watchdog Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com