Electronic Components Datasheet Search
  English  ▼

X  

ACS108-5SA Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACS108-5SA
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-5SA Datasheet(HTML) 7 Page - STMicroelectronics

  ACS108-5SA Datasheet HTML 1Page - STMicroelectronics ACS108-5SA Datasheet HTML 2Page - STMicroelectronics ACS108-5SA Datasheet HTML 3Page - STMicroelectronics ACS108-5SA Datasheet HTML 4Page - STMicroelectronics ACS108-5SA Datasheet HTML 5Page - STMicroelectronics ACS108-5SA Datasheet HTML 6Page - STMicroelectronics ACS108-5SA Datasheet HTML 7Page - STMicroelectronics ACS108-5SA Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ACS108-5Sx
7/8
®
ORDERING INFORMATION
PACKAGE MECHANICAL DATA
SOT-223
PACKAGE MECHANICAL DATA
SOT-223
ACS
1
08
-
5
S
A
-TR
AC Switch
Switch
Number
I
08 = 0.8A
TRMS
Gate
Sensitivity
S = 10mA
A = TO-92
N = SOT-223
V
5 = 500V
DRM
-TR = SOT-223
Tape & Reel
A
A1
B
e1
D
B1
H
E
e
c
V
1
4
2
3
DESCRIPTION
PIN
1
2
3
4
GATE
DRAIN
SOURCE
DRAIN
BASE
COLLECTOR
COLLECTOR
EMITTER
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.80
0.071
A1
0.02
0.10 0.001
0.004
B
0.60
0.70
0.85 0.024 0.027 0.033
B1
2.90
3.00
3.15 0.114 0.118 0.124
c
0.24
0.26
0.35 0.009 0.010 0.014
D
6.30
6.50
6.70 0.248 0.256 0.264
e
2.3
0.090
e1
4.6
0.181
E
3.30
3.50
3.70 0.130 0.138 0.146
H
6.70
7.00
7.30 0.264 0.276 0.287
V
10° max
Recommended soldering pattern SOT-223



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com