Electronic Components Datasheet Search
  English  ▼

X  

ACS108-5SA Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACS108-5SA
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-5SA Datasheet(HTML) 1 Page - STMicroelectronics

  ACS108-5SA Datasheet HTML 1Page - STMicroelectronics ACS108-5SA Datasheet HTML 2Page - STMicroelectronics ACS108-5SA Datasheet HTML 3Page - STMicroelectronics ACS108-5SA Datasheet HTML 4Page - STMicroelectronics ACS108-5SA Datasheet HTML 5Page - STMicroelectronics ACS108-5SA Datasheet HTML 6Page - STMicroelectronics ACS108-5SA Datasheet HTML 7Page - STMicroelectronics ACS108-5SA Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
1/8
ACS108-5Sx
June 2005
REV. 2
ASD and ACS are a trademarks of STMicroelectronics.
ASD™
AC Switch Family
AC LINE SWITCH
MAIN APPLICATIONS
■ AC on-off static switching in appliance & indus-
trial control systems
■ Drive of low power high inductive or resistive
loads like
- relay, valve, solenoid, dispenser
- pump, fan, micro-motor
- defrost heater
FEATURES
■ Blocking voltage: VDRM / VRRM = 500V
■ Clamping voltage: VCL = 600V
■ Nominal current: IT(RMS) = 0.8 A
■ Gate triggering current : IGT < 10mA
■ Triggering current is sourced by the gate
■ Switch integrated driver
■ Drive reference COM connected to the SOT-223
tab
BENEFITS
■ Needs no external overvoltage protection.
■ Enables the equipment to meet IEC61000-4-5
standard.
■ Allows straightforward connection of several
SOT-223 devices on the same cooling pad.
■ Reduces the switch component count by up to
80%.
■ Interfaces directly with the microcontroller.
■ Eliminates any stressing gate kick back on the
microcontroller.
DESCRIPTION
The ACS108 belongs to the AC line switches built
around the ASD™ concept. This high performance
device is able to control an 0.8 A load device.
The ACS™ switch embeds a high voltage clamping
structure to absorb the inductive turn-off energy
and a gate level shifter driver to separate the digital
controller from the main switch. It is triggered with a
negative gate current flowing out of the gate pin.
For further technical information, please refer to
G
COM
OUT
ON
S
D
ACS108
FUNCTIONAL DIAGRAM
OUT
COM
G
TO-92
ACS108-5SA
OUT
COM
COM
G
SOT-223
ACS108-5SN
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ACS108-5SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS108-5SA STMICROELECTRONICS-ACS108-5SA Datasheet
117Kb / 8P
AC LINE SWITCH
21-Jun-2005
ACS108-5SA-TR STMICROELECTRONICS-ACS108-5SA-TR Datasheet
117Kb / 8P
AC LINE SWITCH
21-Jun-2005
More results

Similar Description - ACS108-5SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-5TX STMICROELECTRONICS-ACS102-5TX Datasheet
97Kb / 8P
AC LINE SWITCH
Oct-2001
ACS108-5SX STMICROELECTRONICS-ACS108-5SX Datasheet
117Kb / 8P
AC LINE SWITCH
21-Jun-2005
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
QUAD AC LINE SWITCH ARRAY
05-Apr-1000
ACS110-7SN STMICROELECTRONICS-ACS110-7SN Datasheet
116Kb / 10P
AC LINE SWITCH
Apr-2003
ACS120-7SB STMICROELECTRONICS-ACS120-7SB Datasheet
119Kb / 11P
AC LINE SWITCH
Apr-2003
logo
Kersemi Electronic Co.,...
ACS110-7SN KERSEMI-ACS110-7SN Datasheet
439Kb / 10P
AC LINE SWITCH
ACS120-7SB KERSEMI-ACS120-7SB Datasheet
445Kb / 11P
AC LINE SWITCH
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
AC LINE FILTER
logo
STMicroelectronics
ACS302 STMICROELECTRONICS-ACS302 Datasheet
496Kb / 12P
3-line overvoltage protected AC switch array
July 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com