Electronic Components Datasheet Search
  English  ▼

X  

ACS108-5SA Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACS108-5SA
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-5SA Datasheet(HTML) 5 Page - STMicroelectronics

  ACS108-5SA Datasheet HTML 1Page - STMicroelectronics ACS108-5SA Datasheet HTML 2Page - STMicroelectronics ACS108-5SA Datasheet HTML 3Page - STMicroelectronics ACS108-5SA Datasheet HTML 4Page - STMicroelectronics ACS108-5SA Datasheet HTML 5Page - STMicroelectronics ACS108-5SA Datasheet HTML 6Page - STMicroelectronics ACS108-5SA Datasheet HTML 7Page - STMicroelectronics ACS108-5SA Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ACS108-5Sx
5/8
®
Fig. 5: Maximum power dissipation versus RMS
on-state current.
Fig. 6: RMS on-state current versus ambient
temperature.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IT(RMS)(A)
P(W)
0
10
20
30
40
50
60
70
80
90 100 110 120 130
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Tamb(°C)
IT(RMS)(A)
ACS108-5SA (TO92, Tamb=Tlead)
ACS108-5SN with 5cm² copper surface under tab
ACS108-5SA (TO92)
Fig. 7-1: Relative variation of thermal impedance
junction
to
ambient
versus
pulse
duration
(ACS108-5SA) (TO-92).
Fig. 7-2: Relative variation of thermal impedance
junction
to
ambient
versus
pulse
duration
(ACS108-5SN) (SOT-223).
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
0.01
0.10
1.00
tp(s)
Zth(j-a) / Rth(j-a)
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
0.01
0.10
1.00
tp(s)
Zth(j-a) / Rth(j-a)
Fig. 8: Relative variation of gate trigger current
versus junction temperature.
Fig. 9: Relative variation of holding and latch-
ing current versus junction temperature.
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Tj(°C)
IGT [Tj] / IGT [Tj=25°C]
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Tj(°C)
IH,IL [Tj] / IH,IL [Tj=25°C]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com