Electronic Components Datasheet Search
  English  ▼

X  

ACS108-5SA Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACS108-5SA
Description  AC LINE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-5SA Datasheet(HTML) 4 Page - STMicroelectronics

  ACS108-5SA Datasheet HTML 1Page - STMicroelectronics ACS108-5SA Datasheet HTML 2Page - STMicroelectronics ACS108-5SA Datasheet HTML 3Page - STMicroelectronics ACS108-5SA Datasheet HTML 4Page - STMicroelectronics ACS108-5SA Datasheet HTML 5Page - STMicroelectronics ACS108-5SA Datasheet HTML 6Page - STMicroelectronics ACS108-5SA Datasheet HTML 7Page - STMicroelectronics ACS108-5SA Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ACS108-5Sx
4/8
®
HIGH INDUCTIVE SWITCH-OFF OPERATION
At the end of the last conduction half-cycle, the load current reaches the holding current level IH, and the
ACS™ switch turns off. Because of the inductance L of the load, the current flows through the avalanche
diode D and decreases linearly to zero. During this time, the voltage across the switch is limited to the
clamping voltage VCL.
The energy stored in the inductance of the load depends on the holding current IH and the inductance (up
to 10 H); it can reach about 20 mJ and is dissipated in the clamping section that is especially designed for
that purpose.
AC LINE TRANSIENT VOLTAGE RUGGEDNESS
The ACS108 switch is able to safely withstand the AC line transient voltages either by clamping the low
energy spikes or by breaking over under high energy shocks.
The test circuit in Figure 4 is representative of the final ACS™ application and is also used to stress the
ACS™ switch according to the IEC61000-4-5 standard conditions. Thanks to the load, the ACS™ switch
withstands the voltage spikes up to 2 kV above the peak line voltage. It will break over safely even on resis-
tive load where the turn-on current rise is high as shown in Figure 4. Such non-repetitive testing can be
done 10 times on each AC line voltage polarity.
Fig. 1: Turn-off operation of the ACS108 switch
with an electro valve: waveform of the gate current
IG, pin OUT current IOUT & voltage VOUT.
Fig. 2: ACS108 switch static characteristic.
T
ime (400µs/div)
IOUT
(10 mA/div)
VOUT
(200V/div)
IH
VCL = 650V
IH
VCL
IOUT
VOUT
Fig. 3: Overvoltage ruggedness test circuit for resis-
tive and inductive loads according to IEC61000-4-5
standard.
R = 150
Ω, L = 5µH, VPP = 2kV.
Fig. 4: Current and voltage of the ACS™ during
IEC61000-4-5 standard test with a 150
Ω - 10µH
load & VPP = 2kV.
Iout (2 A/div)
Vout (200 V/div)
dI/dt = 100 A/µs
RL
RG= 220
Ω
VAC +VPP
AC LINE &
SURGE VOLTAGE
GENERATOR
G
COM
OUT
ACSxx
ON
S
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com