Electronic Components Datasheet Search
  English  ▼

X  

AD780 Datasheet(PDF) 6 Page - Analog Devices

Part # AD780
Description  2.5 V-3.0 V High Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD780 Datasheet HTML 2Page - Analog Devices AD780 Datasheet HTML 3Page - Analog Devices AD780 Datasheet HTML 4Page - Analog Devices AD780 Datasheet HTML 5Page - Analog Devices AD780 Datasheet HTML 6Page - Analog Devices AD780 Datasheet HTML 7Page - Analog Devices AD780 Datasheet HTML 8Page - Analog Devices AD780 Datasheet HTML 9Page - Analog Devices AD780 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD780
Data Sheet
Rev. F | Page 6 of 12
APPLYING THE AD780
The AD780 can be used without any external components to
achieve specified performance. If power is supplied to Pin 2 and
Pin 4 is grounded, Pin 6 provides a 2.5 V or 3.0 V output
depending on whether Pin 8 is left unconnected or grounded.
A bypass capacitor of 1 µF (+VIN to GND) should be used if the
load capacitance in the application is expected to be greater
than 1 nF. The AD780 in 2.5 V mode typically draws 700 µA of
Iq at 5 V. This increases by ~2 µA/V up to 36 V.
NC
TEMP
+VIN
RNULL
VOUT
TRIM
GND
O/P SELECT
2.5V – NC
3.0V – GND
NC
R POT
1
µF
AD780
NC = NO CONNECT
1
7
6
5
8
4
2
3
Figure 5. Optional Fine-Trim Circuit
Initial error can be nulled using a single 25 kΩ potentiometer
connected between VOUT, TRIM, and GND. This is a coarse
trim with an adjustment range of 4%, and is only included here
for compatibility purposes with other references. A fine trim
can be implemented by inserting a large value resistor (e.g., 1
MΩ to
5 MΩ) in series with the wiper of the potentiometer (see
Figure 5). The trim range, expressed as a fraction of the output,
is simply greater than or equal to 2.1 kΩ/RNULL for either the
2.5 V or 3.0 V mode.
The external null resistor affects the overall temperature
coefficient by a factor equal to the percentage of VOUT nulled.
For example, a 1 mV (0.03%) shift in the output caused by the
trim circuit, with a 100 ppm/°C null resistor, adds less than
0.06 ppm/°C to the output drift (0.03% × 200 ppm/°C, since the
resistors internal to the AD780 also have temperature
coefficients of less than 100 ppm/°C).
NOISE PERFORMANCE
The impressive noise performance of the AD780 can be further
improved, if desired, by adding two capacitors: a load capacitor
(C1) between the output and ground, and a compensation
capacitor (C2) between the TEMP pin and ground. Suitable
values are shown in Figure 6.
100
10
1
0.1
0.1
1
10
100
LOAD CAPACITOR, C1 (
µF)
Figure 6. Compensation and Load Capacitor Combinations
C1 and C2 also improve the settling performance of the AD780
when subjected to load transients. The improvement in noise
performance is shown in Figure 7, Figure 8, Figure 9, and
Figure 10.
0.1 TO 10Hz
AMPLIFIER GAIN = 100
1s
100
µV
100
90
10
0%
Figure 7. Standalone Noise Performance
10Hz TO 10kHz
NO AMPLIFIER
10ms
20
µV
100
90
10
0%
Figure 8. Standalone Noise Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com