Electronic Components Datasheet Search
  English  ▼

X  

AD780 Datasheet(PDF) 10 Page - Analog Devices

Part # AD780
Description  2.5 V-3.0 V High Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD780 Datasheet HTML 4Page - Analog Devices AD780 Datasheet HTML 5Page - Analog Devices AD780 Datasheet HTML 6Page - Analog Devices AD780 Datasheet HTML 7Page - Analog Devices AD780 Datasheet HTML 8Page - Analog Devices AD780 Datasheet HTML 9Page - Analog Devices AD780 Datasheet HTML 10Page - Analog Devices AD780 Datasheet HTML 11Page - Analog Devices AD780 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD780
Data Sheet
Rev. F | Page 10 of 12
+VIN
AD780
AD7884
VOUT
VREF + F
6
VREF + S
2.5V/3.0V
SELECT
8
GND
4
2
1
F
5V
Figure 21. Precision 3 V Reference for the AD7884 16-Bit, High Speed ADC
The AD780 is also ideal for use with higher resolution
converters, such as the AD7710/AD7711/AD7712 (see Figure
22. While these parts are specified with a 2.5 V internal
reference, the AD780 in 3 V mode can be used to improve the
absolute accuracy, temperature stability, and dynamic range. It
is shown in Figure 22 with the two optional noise reduction
capacitors.
+VIN
AD780
AD7710
VOUT
REF IN+
6
2.5V/3.0V
O/P SELECT
8
GND
4
3
2
1
F
100nF
5V
REF IN–
100
F
Figure 22. Precision 2.5 V or 3.0 V Reference for the
AD7710 High Resolution, Σ-Δ ADC
4.5 V REFERENCE FROM 5 V SUPPLY
Some 5 V high resolution ADCs can accommodate reference
voltages up to 4.5 V. The AD780 can be used to provide a
precision 4.5 V reference voltage from a 5 V supply using the
circuit shown in Figure 23. This circuit provides a regulated
4.5 V output from a supply voltage as low as 4.7 V. The high
quality tantalum 10 μF capacitor, in parallel with the ceramic
AD780 0.1 μF capacitor and the 3.9 Ω resistor, ensures a low
output impedance around 50 MHz.
AD780
2N2907
VOUT
5k
0.01%
4k
0.01%
2.5k
3.9
1k
0.1
F
0.1
F
10
F
0.1
F
OP90
+
–
VSUPPLY
2
4
6
3
7
6
4
2
Figure 23. 4.5 V Reference from a Single 5 V Supply
NEGATIVE (–2.5 V) REFERENCE
The AD780 can produce a negative output voltage in shunt
mode by connecting the input and output to ground, and
connecting the AD780’s GND pin to a negative supply via a bias
resistor, as shown in Figure 25.
NC
TEMP
+VIN
VOUT
TRIM
GND
O/P SELECT
2.5V – NC
3.0V – GND
NC
1
F
AD780
NOTES
1. IL = LOAD CURRENT
2. IS MIN = MINIMUM SHUNT CURRENT
3. NC = NO CONNECT
1
7
6
5
8
4
2
3
R =
VOUT – (V–)
IL + IS MIN
–2.5 VOUT
V–
Figure 24. Negative (−2.5 V Shunt Mode Reference)
A precise –2.5 V reference capable of supplying up to 100 mA to
a load can be implemented with the AD780 in series mode,
using the bootstrap circuit shown in Figure 25.
AD780
2N3906
+5V
+5V
OP07
CONNECT IF
–3V OUTPUT
DESIRED
–2.5V (IL 100mA)
–5V
–5V
OUT
1k
1000pF
+VIN
–
+
2
4
68
Figure 25. −2.5 V High Load Current Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com