Electronic Components Datasheet Search
  English  ▼

X  

AD780 Datasheet(PDF) 12 Page - Analog Devices

Part # AD780
Description  2.5 V-3.0 V High Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD780 Datasheet HTML 4Page - Analog Devices AD780 Datasheet HTML 5Page - Analog Devices AD780 Datasheet HTML 6Page - Analog Devices AD780 Datasheet HTML 7Page - Analog Devices AD780 Datasheet HTML 8Page - Analog Devices AD780 Datasheet HTML 9Page - Analog Devices AD780 Datasheet HTML 10Page - Analog Devices AD780 Datasheet HTML 11Page - Analog Devices AD780 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD780
Data Sheet
Rev. F | Page 12 of 12
ORDERING GUIDE
Model1
Initial Error
Temperature
Range
Temperature Coefficient
Package Description
Package Option
Qty. per
Tube/Reel
AD780ANZ
±5.0 mV
−40°C to +85°C
7 ppm/°C
8-Lead PDIP
N-8
50
AD780AR
±5.0 mV
−40°C to +85°C
7 ppm/°C
8-Lead SOIC_N
R-8
98
AD780AR-REEL7
±5.0 mV
−40°C to +85°C
7 ppm/°C
8-Lead SOIC_N
R-8
750
AD780ARZ
±5.0 mV
−40°C to +85°C
7 ppm/°C
8-Lead SOIC_N
R-8
98
AD780ARZ-REEL7
±5.0 mV
−40°C to +85°C
7 ppm/°C
8-Lead SOIC_N
R-8
1,000
AD780BNZ
±1.0 mV
−40°C to +85°C
3 ppm/°C
8-Lead PDIP
N-8
50
AD780BR
±1.0 mV
−40°C to +85°C
3 ppm/°C
8-Lead SOIC_N
R-8
98
AD780BR-REEL
±1.0 mV
−40°C to +85°C
3 ppm/°C
8-Lead SOIC_N
R-8
2,500
AD780BR-REEL7
±1.0 mV
−40°C to +85°C
3 ppm/°C
8-Lead SOIC_N
R-8
750
AD780BRZ
±1.0 mV
−40°C to +85°C
3 ppm/°C
8-Lead SOIC_N
R-8
98
AD780BRZ-REEL
±1.0 mV
−40°C to +85°C
3 ppm/°C
8-Lead SOIC_N
R-8
2,500
AD780BRZ-REEL7
±1.0 mV
−40°C to +85°C
3 ppm/°C
8-Lead SOIC_N
R-8
750
AD780CRZ
±1.5 mV
−40°C to +85°C
7 ppm/°C
8-Lead SOIC_N
R-8
98
AD780CRZ-REEL7
±1.5 mV
−40°C to +85°C
7 ppm/°C
8-Lead SOIC_N
R-8
1,000
1
Z = RoHS Compliant Part.
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00841-0-12/12(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com