Electronic Components Datasheet Search
  English  ▼

X  

AD780 Datasheet(PDF) 8 Page - Analog Devices

Part # AD780
Description  2.5 V-3.0 V High Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD780 Datasheet HTML 4Page - Analog Devices AD780 Datasheet HTML 5Page - Analog Devices AD780 Datasheet HTML 6Page - Analog Devices AD780 Datasheet HTML 7Page - Analog Devices AD780 Datasheet HTML 8Page - Analog Devices AD780 Datasheet HTML 9Page - Analog Devices AD780 Datasheet HTML 10Page - Analog Devices AD780 Datasheet HTML 11Page - Analog Devices AD780 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD780
Data Sheet
Rev. F | Page 8 of 12
Notice how sensitive the current dependent factor on VOUT is. A
large amount of current, even in tens of microamp, drawn from
the TEMP pin can cause the VOUT and TEMP output to fail.
The choice of C1 and C2 was dictated primarily by the need for
a relatively flat response that rolled off early in the high
frequency noise at the output. However, there is considerable
margin in the choice of these capacitors. For example, the user
can actually put a huge C2 on the TEMP pin with none on the
output pin. However, one must either put very little or a lot of
capacitance at the TEMP pin. Intermediate values of
capacitance can sometimes cause oscillation. In any case, the
user should follow the recommendation in Figure 6.
TEMPERATURE TRANSDUCER CIRCUIT
The circuit shown in Figure 13 is a temperature transducer that
amplifies the TEMP output voltage by a gain of a little over +5
to provide a wider full-scale output range. The digital
potentiometer can be used to adjust the output so it varies by
exactly 10 mV/°C.
To minimize resistance changes with temperature, resistors with
low temperature coefficients, such as metal film resistors,
should be used.
AD780
GND
RB
1.27k
Ω
(1%)
RF
6.04k
Ω (1%)
4
+VIN
2
3
1
µF
TEMP
RBP
200
Ω
AD820
10mV/
°C
5V
Figure 13. Differential Temperature Transducer
SUPPLY CURRENT OVER TEMPERATURE
The AD780’s quiescent current varies slightly over temperature
and input supply range. The test limit is 1 mA over the
industrial and 1.3 mA over the military temperature range.
Typical performance with input voltage and temperature
variation is shown in Figure 14.
0.85
0.80
0.75
0.70
0.65
0.60
4
36
INPUT VOLTAGE (V)
–55
°C
+25
°C
+125
°C
Figure 14. Typical Supply Current over Temperature
TURN-ON TIME
The time required for the output voltage to reach its final value
within a specified error band is defined as the turn-on settling
time. The two major factors that affect this are the active circuit
settling time and the time for the thermal gradients on the chip
to stabilize. Typical settling performance is shown in Figure 15.
The AD780 settles to within 0.1% of its final value within 10 µs.
5V
0V
2.500V
2.499V
2.498V
10
µs/DIV
VIN
VOUT
Figure 15. Turn-On Settling Time Performance
DYNAMIC PERFORMANCE
The output stage of the AD780 has been designed to provide
superior static and dynamic load regulation.
Figure 16 and Figure 17 show the performance of the AD780
while driving a 0 mA to 10 mA load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com