Electronic Components Datasheet Search
  English  ▼

X  

ADSP2101 Datasheet(PDF) 49 Page - Analog Devices

Part # ADSP2101
Description  ADSP-2100 Family DSP Microcomputers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2101 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADSP2101 Datasheet HTML 45Page - Analog Devices ADSP2101 Datasheet HTML 46Page - Analog Devices ADSP2101 Datasheet HTML 47Page - Analog Devices ADSP2101 Datasheet HTML 48Page - Analog Devices ADSP2101 Datasheet HTML 49Page - Analog Devices ADSP2101 Datasheet HTML 50Page - Analog Devices ADSP2101 Datasheet HTML 51Page - Analog Devices ADSP2101 Datasheet HTML 52Page - Analog Devices ADSP2101 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
ADSP-21xx
REV. B
–49–
Frequency
10.24 MHz
Dependency
Parameter
Min
Max
Min
Max
Unit
Switching Characteristic:
tDW
Data Setup before WR High
38.8
0.5tCK – 10 + w
ns
tDH
Data Hold after WR High
14.4
0.25tCK – 10
ns
tWP
WR Pulse Width
43.8
0.5tCK – 5 + w
ns
tWDE
WR Low to Data Enabled
0
tASW
A0–A13, DMS, PMS Setup before WR Low
12.4
0.25tCK – 12
ns
tDDR
Data Disable before WR or RD Low
14.4
0.25tCK – 10
ns
tCWR
CLKOUT High to WR Low
19.4
34.4
0.25tCK – 5
0.25tCK + 10
ns
tAW
A0–A13, DMS, PMS, Setup before WR Deasserted
58.2
0.75tCK – 15 + w
ns
tWRA
A0–A13, DMS, PMS Hold After WR Deasserted
14.4
0.25tCK – 10
ns
tWWR
WR High to RD or WR Low
38.8
0.5tCK – 10
ns
w = wait states
× t
CK.
TIMING PARAMETERS (ADSP-2103/2162/2164)
MEMORY WRITE
Figure 43. Memory Write
CLKOUT
A0 – A13
D
t
WR A
WR
DMS, PMS
t
WWR
t
WP
t
AS W
t
AW
t
CWR
RD
t
DH
t
DD R
t
WDE
t
DW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com