Electronic Components Datasheet Search
  English  ▼

X  

ADSP2101 Datasheet(PDF) 28 Page - Analog Devices

Part # ADSP2101
Description  ADSP-2100 Family DSP Microcomputers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2101 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADSP2101 Datasheet HTML 24Page - Analog Devices ADSP2101 Datasheet HTML 25Page - Analog Devices ADSP2101 Datasheet HTML 26Page - Analog Devices ADSP2101 Datasheet HTML 27Page - Analog Devices ADSP2101 Datasheet HTML 28Page - Analog Devices ADSP2101 Datasheet HTML 29Page - Analog Devices ADSP2101 Datasheet HTML 30Page - Analog Devices ADSP2101 Datasheet HTML 31Page - Analog Devices ADSP2101 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
ADSP-21xx
–28–
REV. B
The decay time, tDECAY, is dependent on the capacitative load,
CL, and the current load, iL, on the output pin. It can be
approximated by the following equation:
t
DECAY =
C
L × 0.5 V
i
L
from which
tDIS = tMEASURED – tDECAY
is calculated. If multiple pins (such as the data bus) are dis-
abled, the measurement value is that of the last pin to stop
driving.
Output Enable Time
Output pins are considered to be enabled when they have made
a transition from a high-impedance state to when they start
driving. The output enable time (t ENA) is the interval from
when a reference signal reaches a high or low voltage level to
when the output has reached a specified high or low trip point,
as shown in Figure 27. If multiple pins (such as the data bus)
are enabled, the measurement value is that of the first pin to
start driving.
SPECIFICATIONS (ADSP-2103/2162/2164)
TEST CONDITIONS
Figure 26 shows voltage reference levels for ac measurements.
Figure 26. Voltage Reference Levels for AC Measurements
(Except Output Enable/Disable)
Output Disable Time
Output pins are considered to be disabled when they have
stopped driving and started a transition from the measured
output high or low voltage to a high impedance state. The
output disable time (tDIS) is the difference of tMEASURED and
tDECAY, as shown in Figure 27. The time tMEASURED is the
interval from when a reference signal reaches a high or low
voltage level to when the output voltages have changed by 0.5 V
from the measured output high or low voltage.
INPUT
OUTPUT
VDD
2
VDD
2
2.0V
1.0V
t
ENA
REFERENCE
SIGNAL
OUTPUT
t
DECAY
VOH (MEASURED)
OUTPUT STOPS
DRIVING
OUTPUT STARTS
DRIVING
t
DIS
t
MEASURED
VOL (MEASURED)
VOH (MEASURED) – 0.5V
VOL (MEASURED) +0.5V
HIGH-IMPEDANCE STATE.
TEST CONDITIONS CAUSE
THIS VOLTAGE LEVEL TO BE
APPROXIMATELY 1.5V.
VOH (MEASURED)
VOL (MEASURED)
TO
OUTPUT
PIN
50pF
IOH
IOL
VDD
2
Figure 27. Output Enable/Disable
Figure 28. Equivalent Device Loading for AC Measurements
(Except Output Enable/Disable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com