Electronic Components Datasheet Search
  English  ▼

X  

ADSP2101 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP2101
Description  ADSP-2100 Family DSP Microcomputers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2101 Datasheet(HTML) 3 Page - Analog Devices

  ADSP2101 Datasheet HTML 1Page - Analog Devices ADSP2101 Datasheet HTML 2Page - Analog Devices ADSP2101 Datasheet HTML 3Page - Analog Devices ADSP2101 Datasheet HTML 4Page - Analog Devices ADSP2101 Datasheet HTML 5Page - Analog Devices ADSP2101 Datasheet HTML 6Page - Analog Devices ADSP2101 Datasheet HTML 7Page - Analog Devices ADSP2101 Datasheet HTML 8Page - Analog Devices ADSP2101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
ADSP-21xx
REV. B
–3–
Table I. ADSP-21xx Processor Features
Feature
2101
2103
2105
2115
2111
Data Memory (RAM)
1K
1K
1⁄
2 K
1⁄
2 K1K
Program Memory (RAM)
2K
2K
1K
1K
2K
Timer
•••••
Serial Port 0 (Multichannel)
••
–
••
Serial Port 1
•••••
Host Interface Port
–
–
–
–
•
Speed Grades (Instruction Cycle Time)
10.24 MHz (76.9 ns)
–
•
–
–
–
13.0 MHz (76.9 ns)
–
–
–
–
•
13.824 MHz (72.3 ns)
–
–
•
–
–
16.67 MHz (60 ns)
•
–
–
••
20.0 MHz (50 ns)
•
–
•••
25 MHz (40 ns)
•
–
–
•
–
Supply Voltage
5 V
3.3 V
5 V
5 V
5 V
Packages
68-Pin PGA
•
–
–
–
–
68-Lead PLCC
••••
–
80-Lead PQFP
••
–
•
–
80-Lead TQFP
–
–
–
•
–
100-Pin PGA
–
–
–
–
•
100-Lead PQFP
–
–
–
–
•
Temperature Grades
K Commercial 0
°C to +70°C
•••••
B Industrial
–40
°C to +85°C
•••••
T Extended
–55
°C to +125°C
•
–
–
–
•
Table II. ADSP-216x ROM-Programmed Processor Features
Feature
2161
2162
2163
2164
Data Memory (RAM)
1⁄
2 K
1⁄
2 K
1⁄
2 K
1⁄
2 K
Program Memory (ROM)
8K
8K
4K
4K
Program Memory (RAM)
–
–
–
–
Timer
••••
Serial Port 0 (Multichannel)
••••
Serial Port 1
••••
Supply Voltage
5 V
3.3 V
5 V
3.3 V
Speed Grades (Instruction Cycle Time)
10.24 MHz (97.6 ns)
–
•
–
•
16.67 MHz (60 ns)
•
–
•
–
25 MHz (40 ns)
––
•
–
Packages
68-Lead PLCC
••••
80-Lead PQFP
••••
Temperature Grades
K Commercial 0
°C to +70°C
••••
B Industrial
–40
°C to +85°C
••••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com