Electronic Components Datasheet Search
  English  ▼

X  

ADSP2101 Datasheet(PDF) 17 Page - Analog Devices

Part # ADSP2101
Description  ADSP-2100 Family DSP Microcomputers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2101 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADSP2101 Datasheet HTML 13Page - Analog Devices ADSP2101 Datasheet HTML 14Page - Analog Devices ADSP2101 Datasheet HTML 15Page - Analog Devices ADSP2101 Datasheet HTML 16Page - Analog Devices ADSP2101 Datasheet HTML 17Page - Analog Devices ADSP2101 Datasheet HTML 18Page - Analog Devices ADSP2101 Datasheet HTML 19Page - Analog Devices ADSP2101 Datasheet HTML 20Page - Analog Devices ADSP2101 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
REV. B
–17–
ADSP-2101/2105/2115/2161/2163–SPECIFICATIONS
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADSP-21xx processors feature proprietary ESD protection circuitry to dissipate high energy
electrostatic discharges (Human Body Model), permanent damage may occur to devices subjected
to such discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality. Unused devices must be stored in conductive foam or shunts,
and the foam should be discharged to the destination socket before the devices are removed. Per
method 3015 of MIL-STD-883, the ADSP-21xx processors have been classified as Class 1 devices.
RECOMMENDED OPERATING CONDITIONS
K Grade
B Grade
T Grade
Parameter
Min
Max
Min
Max
Min
Max
Unit
VDD
Supply Voltage
4.50
5.50
4.50
5.50
4.50
5.50
V
TAMB
Ambient Operating Temperature
0
+70
–40
+85
–55
+125
°C
See “Environmental Conditions” for information on thermal specifications.
ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Max
Unit
VIH
Hi-Level Input Voltage
3, 5
@ VDD = max
2.0
V
VIH
Hi-Level CLKIN Voltage
@ VDD = max
2.2
V
VIL
Lo-Level Input Voltage
1, 3
@ VDD = min
0.8
V
VOH
Hi-Level Output Voltage
2, 3, 7
@ VDD = min, IOH = –0.5 mA
2.4
V
@ VDD = min, IOH = –100 µA
8
VDD – 0.3
V
VOL
Lo-Level Output Voltage
2, 3, 7
@ VDD = min, IOL = 2 mA
0.4
V
IIH
Hi-Level Input Current
1
@ VDD = max, VIN = VDD max
10
µA
IIL
Lo-Level Input Current
1
@ VDD = max, VIN = 0 V
10
µA
IOZH
Tristate Leakage Current
4
@ VDD = max, VIN = VDD max
6
10
µA
IOZL
Tristate Leakage Current
4
@ VDD = max, VIN = 0 V
6
10
µA
CI
Input Pin Capacitance
1, 8, 9
@ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25°C8
pF
CO
Output Pin Capacitance
4, 8, 9, 10
@ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25
°C8
pF
NOTES
1Input-only pins: CLKIN, RESET, IRQ2, BR, MMAP, DR1, DR0 (not on ADSP-2105).
2Output pins: BG, PMS, DMS, BMS, RD, WR, A0–A13, CLKOUT, DT1, DT0 (not on ADSP-2105).
3Bidirectional pins: D0–D23, SCLK1, RFS1, TFS1, SCLK0 (not on ADSP-2105), RFS0 (not on ADSP-2105), TFS0 (not on ADSP-2105).
4Tristatable pins: A0–A13, D0–D23, PMS, DMS, BMS, RD, WR, DT1, SCLK1, RSF1, TFS1, DT0 (not on ADSP-2105), SCLK0 (not on ADSP-2105),
RFS0 (not on ADSP-2105), TFS0 (not on ADSP-2105).
5Input-only pins: RESET, IRQ2, BR, MMAP, DR1, DR0 (not on ADSP-2105).
60 V on BR, CLKIN Active (to force tristate condition).
7Although specified for TTL outputs, all ADSP-21xx outputs are CMOS-compatible and will drive to V
DD and GND, assuming no dc loads.
8Guaranteed but not tested.
9Applies to PGA, PLCC, PQFP package types.
10Output pin capacitance is the capacitive load for any three-stated output pin.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V
Output Voltage Swing . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V
Operating Temperature Range (Ambient) . . . –55ºC to +125ºC
Storage Temperature Range . . . . . . . . . . . . . –65ºC to +150ºC
Lead Temperature (10 sec) PGA . . . . . . . . . . . . . . . . . +300ºC
Lead Temperature (5 sec) PLCC, PQFP, TQFP . . . . +280ºC
*Stresses greater than those listed above may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these
or any other conditions greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
ADSP-21xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com