Electronic Components Datasheet Search
  English  ▼

X  

E981.10 Datasheet(PDF) 14 Page - ELMOS Semiconductor AG

Part # E981.10
Description  BASIC IO-LINK TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.10 Datasheet(HTML) 14 Page - ELMOS Semiconductor AG

Back Button E981.10 Datasheet HTML 10Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 11Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 12Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 13Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 14Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 15Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 16Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 17Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 18Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
E981.10
14/19
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0007E.02 2010-06-16
Start
- Edge TXEN Low to High
or
- Edge at TXD and
TXEN=high
and
- no wakeup event
- No recognition of
overcurrent event for20us
(mask overcurrent events)
- disable current limitation
Recognition of Overcurrent
Overcurrent in C /Q driver ?
- Overcurrent in LS or HS
driver
or
- Bus Level does not fit to
TXD
Enable current limitation
waiting 10 µs
Overcurrent state
- Pin ILIM=High
- C/ Q driver shut off(HighZ)
Waiting in Off - State
- waiting 50µs to 800µs
(depends from voltage level
VDDH)
- Pin ILIM = Low
- C/ Q driver on
Loop
until
Condition1:
-edge at TXD
Condition2:
-Overcurrent in LS or HS
driver
or
-Bus Level does not fit to
TXD
Enable current limitation
Overcurrent debounce 40 µs
Wakeup state
-Pin ILIM=High
-Pin WAKE = high
-C/Q driver shut off(HighZ)
Loop
until TXEN= LOW
Wakeup- and Ilim-
functionality
Flowchart only valid for TXEN = High
TXEN = Low: Reset of the digital part
No
Yes
Condtion1:
edge at TXD
Condtion 2 :
overcurrent
event
No
overcurrent
condition
overcurrent
condition
Figure 5: Overcurrent and wake up functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com