Electronic Components Datasheet Search
  English  ▼

X  

E981.10 Datasheet(PDF) 4 Page - ELMOS Semiconductor AG

Part # E981.10
Description  BASIC IO-LINK TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.10 Datasheet(HTML) 4 Page - ELMOS Semiconductor AG

  E981.10 Datasheet HTML 1Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 2Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 3Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 4Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 5Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 6Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 7Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 8Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
E981.10
4/19
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0007E.02 2010-06-16
3 Operating conditions
3.1 absolute Maximum ratings
Continuous operation of the device above these ratings is not recommended and may destroy the device. All po-
tentials referred to GROUND (GND) unless otherwise specified. Currents flowing into the circuit pins have posi-
tive values.
no.
Description
condition
symbol
Min.
Max.
Unit
1
Continous DC voltage at VDDH
VDDH
-0.3
40
V
2
Continous DC voltage at VDD_IO
VDD_IO
-0.3
5.5
V
3
Continous DC voltage at C/Q pin
C/Q-GND
VCQ
-40
40
V
4
Voltage at C/Q
t<500ms
C/Q-GND
-40
60
V
5
Continous DC voltage at C/Q pin
VDDH-C/Q
VCQ
40
V
6
Voltage at C/Q
t<500ms
VDDH-C/Q
60
V
7
Continous DC voltage at digital I/Os
VIO_DIG
-0.3
VDD_IO+0.3
V
8
AEC Q100-002 (HBM)
ESD
immunity
2
kV
9
Storage temperature
Tstg
-40
125
°C
10
Junction temperature
Tj
150
°C
11
Ambient temperature
Ta
125
°C
12
Power dissipation
PV
900
mW
no.
Description
condition
symbol
Min.
typ.
Max.
Unit
1
Supply voltage at pin VDDH
VDDH
8
24
36
V
2
Digital interface supply
3.3V interface
supply
VDD_IO
3
3.3
3.6
V
3
Digital interface supply
5V interface
supply
VDD_IO
4.5
5
5.5
V
4
Operating temperature
range
Top
-40
100
°C
5
Supply voltage at pin VDDH
for IO-Link communication
VDDH
18
24
30
V
3.2 recommended Operating conditions
The following conditions apply unless otherwise stated. All potentials referred to GROUND (GND) unless other-
wise specified.Currents flowing into the circuit pins have positive values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com