Electronic Components Datasheet Search
  English  ▼

X  

E981.10 Datasheet(PDF) 3 Page - ELMOS Semiconductor AG

Part # E981.10
Description  BASIC IO-LINK TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.10 Datasheet(HTML) 3 Page - ELMOS Semiconductor AG

  E981.10 Datasheet HTML 1Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 2Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 3Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 4Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 5Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 6Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 7Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 8Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
E981.10
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0007E.02 2010-06-16
2 Block Diagram
1.2 Package pinout QFn20l4
Figure 1: Package pinout top view
Figure 2: Block Diagram
VDD_IO
SILIM
GND2
TEST
NC
20 19 18 17
16
Exposed
diepad
21
GND3
6
7
8
9
10
ILIM
GND1
NC
C/Q
NC
15
14
13
12
11
1
2
3
4
5
All GND pins have to be connected to local GND of the application.
VDD
VDDH
TXEN
SPEED
TXD
WAKE
ILIM
RXD
VDD_IO
GND
C/Q
E981.10
System
control
Voltage
regulator
5V/20mA
SPEED
ONLS
ONHS
ILIM
SILIM
RXD
Supply monitor
overtemperature
protection
SILIM
VREGO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com