Electronic Components Datasheet Search
  English  ▼

X  

E981.10 Datasheet(PDF) 6 Page - ELMOS Semiconductor AG

Part # E981.10
Description  BASIC IO-LINK TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.10 Datasheet(HTML) 6 Page - ELMOS Semiconductor AG

Back Button E981.10 Datasheet HTML 2Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 3Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 4Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 5Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 6Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 7Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 8Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 9Page - ELMOS Semiconductor AG E981.10 Datasheet HTML 10Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
E981.10
6/19
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0007E.02 2010-06-16
4.2 Host interface
4.3 transmitter
4.2.1 Dc characteristics
4.3.1 Dc characteristics
no.
Description
condition
symbol
Min.
typ.
Max.
Unit
1
High level input voltage
Input Pins
VDIG_IH
0.7
VDD_
IO
2
Low level input voltage
Input Pins
VDIG_IL
0.3
VDD_
IO
3
High level output voltage
Iload=2mA;
Pins RXD, WAKE, ILIM VDIG_OH
0.8
VDD_
IO
4
Low level output voltage
Iload=-2mA;
Pins RXD, WAKE, ILIM
VDIG_OL
0.2
VDD_
IO
5
Input pull down or pull up
current
Vpin= VDD_IO= 5V
Vpin= VDD_IO= 3.3V
Ipd
30
15
µA
no.
Description
condition
symbol
Min.
typ.
Max.
Unit
1
DC driver residual voltage
low
IQLs=100mA,
TXD=high,
VRQLs
1.5
V
2
DC driver residual voltage
high
IQHs=-100mA,
TXD=low,
VRQHs
VSUP-
1.7
V
3
DC driver residual voltage
low
IQLs=200mA,
TXD=high
8V ≤ VDDH < 15V
VRQLs
2.5
V
4
DC driver residual voltage
low
IQLs=200mA,
TXD=high,
15V ≤ VDDH ≤ 36V
VRQLs
2.0
V
5
DC driver residual voltage
high
IQHs=-200mA,
TXD=low,
8V ≤ VDDH < 15V
VRQHs
VSUP-
2.5
V
6
DC driver residual voltage
high
IQHs=-200mA,
TXD=low,
15V ≤ VDDH ≤ 36V
VRQHs
VSUP-
2.0
V
7
Overcurrent shutoff
threshold low
Driver current low,
TXD=high
SILIM=low
ITHL_OFF
220
350
480
mA
8
Overcurrent shutoff
threshold high
Driver current high,
TXD=low
SILIM=low
ITHH_OFF
-480
-350
-220
mA
9
Reduction of overcurrent
shutoff threshold (Divided
by) in contrast to SILIM=low
SILIM=high
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com