| Electronic Components Datasheet Search |
|
RL78 Datasheet(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78 Datasheet(HTML) 41 Page - Renesas Technology Corp |
|
41 / 61 page ![]() RL78/G14 2. ELECTRICAL SPECIFICATIONS R01DS0053EJ0100 Rev. 1.00 Page 41 of 97 Feb 21, 2012 2. ELECTRICAL SPECIFICATIONS Caution 1. The RL78/G14 has an on-chip debug function, which is provided for development and evaluation. Do not use the on-chip debug function in products designated for mass production, because the guaranteed number of rewritable times of the flash memory may be exceeded when this function is used, and product reliability therefore cannot be guaranteed. Renesas Electronics is not liable for problems occurring when the on-chip debug function is used. Caution 2. The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products. |