Electronic Components Datasheet Search
  English  ▼

X  

RL78 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # RL78
Description  Renesas Flash Programmer
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 50Page - Renesas Technology Corp RL78 Datasheet HTML 51Page - Renesas Technology Corp RL78 Datasheet HTML 52Page - Renesas Technology Corp RL78 Datasheet HTML 53Page - Renesas Technology Corp RL78 Datasheet HTML 54Page - Renesas Technology Corp RL78 Datasheet HTML 55Page - Renesas Technology Corp RL78 Datasheet HTML 56Page - Renesas Technology Corp RL78 Datasheet HTML 57Page - Renesas Technology Corp RL78 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 54 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
(Notes and Remarks are listed on the next page.)
(1)
Flash ROM: 16 to 64 KB of 30- to 64-pin products
(TA = -40 to +85
C, 1.6 V EVDD0 VDD 5.5 V, VSS = EVSS0 = 0 V)
(2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current
Note 1
IDD2
Note 2
HALT mode High-speed
operation Notes 4, 7
fHOCO = 64 MHz,
fIH = 32 MHz
VDD = 5.0 V
0.80
3.09
mA
VDD = 3.0 V
0.80
3.09
fHOCO = 32 MHz,
fIH = 32 MHz
VDD = 5.0 V
0.54
2.40
VDD = 3.0 V
0.54
2.40
fHOCO = 48 MHz,
fIH = 24 MHz
VDD = 5.0 V
0.62
2.40
VDD = 3.0 V
0.62
2.40
fHOCO = 24 MHz,
fIH = 24 MHz
VDD = 5.0 V
0.44
1.83
VDD = 3.0 V
0.44
1.83
fHOCO = 16 MHz,
fIH = 16 MHz
VDD = 5.0 V
0.40
1.38
VDD = 3.0 V
0.40
1.38
Low-speed
operation Notes 4, 7
fHOCO = 8 MHz,
fIH = 8 MHz
VDD = 3.0 V
260
710
A
VDD = 2.0 V
260
710
Low-voltage
operation Notes 4, 7
fHOCO = 4 MHz,
fIH = 4 MHz
VDD = 3.0 V
420
700
A
VDD = 2.0 V
420
700
High-speed
operation Notes 3, 7
fMX = 20 MHz,
VDD = 5.0 V
Square wave input
0.28
1.55
mA
Resonator connection
0.53
1.74
fMX = 20 MHz,
VDD = 3.0 V
Square wave input
0.28
1.55
Resonator connection
0.49
1.74
fMX = 10 MHz,
VDD = 5.0 V
Square wave input
0.19
0.86
Resonator connection
0.30
0.93
fMX = 10 MHz,
VDD = 3.0 V
Square wave input
0.19
0.86
Resonator connection
0.30
0.93
Low-speed
operation Notes 3, 7
fMX = 7 MHz,
VDD = 3.0 V
Square wave input
95
550
A
Resonator connection
145
590
fMX = 8 MHz,
VDD = 2.0 V
Square wave input
95
550
Resonator connection
145
590
Subsystem clock
operation Note 5
fSUB = 32.768 kHz,
TA = -40
C
Square wave input
0.25
A
Resonator connection
0.44
fSUB = 32.768 kHz,
TA = +25
C
Square wave input
0.30
0.57
Resonator connection
0.49
0.76
fSUB = 32.768 kHz,
TA = +50
C
Square wave input
0.33
1.17
Resonator connection
0.52
1.36
fSUB = 32.768 kHz,
TA = +70
C
Square wave input
0.36
1.97
Resonator connection
0.55
2.16
fSUB = 32.768 kHz,
TA = +85
C
Square wave input
0.97
3.37
Resonator connection
0.16
3.56
IDD3
STOP
mode Note 6
TA = -40
C0.18
A
TA = +25
C
0.24
0.51
TA = +50
C
0.26
1.10
TA = +70
C
0.29
1.90
TA = +85
C
0.90
3.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com