Electronic Components Datasheet Search
  English  ▼

X  

TL494 Datasheet(PDF) 5 Page - Motorola, Inc

Part # TL494
Description  SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL494 Datasheet(HTML) 5 Page - Motorola, Inc

  TL494 Datasheet HTML 1Page - Motorola, Inc TL494 Datasheet HTML 2Page - Motorola, Inc TL494 Datasheet HTML 3Page - Motorola, Inc TL494 Datasheet HTML 4Page - Motorola, Inc TL494 Datasheet HTML 5Page - Motorola, Inc TL494 Datasheet HTML 6Page - Motorola, Inc TL494 Datasheet HTML 7Page - Motorola, Inc TL494 Datasheet HTML 8Page - Motorola, Inc TL494 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TL494
5
MOTOROLA ANALOG IC DEVICE DATA
APPLICATIONS INFORMATION
Description
The TL494 is a fixed–frequency pulse width modulation
control circuit, incorporating the primary building blocks
required for the control of a switching power supply. (See
Figure 1.) An internal–linear sawtooth oscillator is frequency–
programmable by two external components, RT and CT. The
approximate oscillator frequency is determined by:
fosc ≈
1.1
RT • CT
For more information refer to Figure 3.
Output pulse width modulation is accomplished by
comparison of the positive sawtooth waveform across
capacitor CT to either of two control signals. The NOR gates,
which drive output transistors Q1 and Q2, are enabled only
when the flip–flop clock–input line is in its low state. This
happens only during that portion of time when the sawtooth
voltage is greater than the control signals. Therefore, an
increase in control–signal amplitude causes a corresponding
linear decrease of output pulse width. (Refer to the Timing
Diagram shown in Figure 2.)
The control signals are external inputs that can be fed into
the deadtime control, the error amplifier inputs, or the
feedback input. The deadtime control comparator has an
effective 120 mV input offset which limits the minimum output
deadtime to approximately the first 4% of the sawtooth–cycle
time. This would result in a maximum duty cycle on a given
output of 96% with the output control grounded, and 48% with
it connected to the reference line. Additional deadtime may
be imposed on the output by setting the deadtime–control
input to a fixed voltage, ranging between 0 V to 3.3 V.
Functional Table
Input/Output
Controls
Output Function
fout
fosc
=
Grounded
Single–ended PWM @ Q1 and Q2
1.0
@ Vref
Push–pull Operation
0.5
The pulse width modulator comparator provides a means
for the error amplifiers to adjust the output pulse width from
the maximum percent on–time, established by the deadtime
control input, down to zero, as the voltage at the feedback pin
varies from 0.5 V to 3.5 V. Both error amplifiers have a
common mode input range from –0.3 V to (VCC – 2V), and
may be used to sense power–supply output voltage and
current. The error–amplifier outputs are active high and are
ORed together at the noninverting input of the pulse–width
modulator comparator. With this configuration, the amplifier
that demands minimum output on time, dominates control of
the loop.
When capacitor CT is discharged, a positive pulse is
generated on the output of the deadtime comparator, which
clocks the pulse–steering flip–flop and inhibits the output
transistors, Q1 and Q2. With the output–control connected to
the reference line, the pulse–steering flip–flop directs the
modulated pulses to each of the two output transistors
alternately for push–pull operation. The output frequency is
equal to half that of the oscillator. Output drive can also be
taken from Q1 or Q2, when single–ended operation with a
maximum on–time of less than 50% is required. This is
desirable when the output transformer has a ringback
winding with a catch diode used for snubbing. When higher
output–drive currents are required for single–ended
operation, Q1 and Q2 may be connected in parallel, and the
output–mode pin must be tied to ground to disable the
flip–flop. The output frequency will now be equal to that of the
oscillator.
The TL494 has an internal 5.0 V reference capable of
sourcing up to 10 mA of load current for external bias circuits.
The reference has an internal accuracy of
±5.0% with a
typical thermal drift of less than 50 mV over an operating
temperature range of 0
° to 70°C.
Figure 3. Oscillator Frequency versus
Timing Resistance
500 k
100 k
10 k
1.0 k
500
1.0 k 2.0 k 5.0 k
10 k
20 k
50 k
100 k 200 k
500 k 1.0 M
RT, TIMING RESISTANCE (Ω)
VCC = 15 V
0.01
µF
0.1
µF
CT = 0.001 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com